Electronic Components Datasheet Search
  English  ▼

X  

AD650JPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD650JPZ
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650JPZ Datasheet(HTML) 4 Page - Analog Devices

  AD650JPZ Datasheet HTML 1Page - Analog Devices AD650JPZ Datasheet HTML 2Page - Analog Devices AD650JPZ Datasheet HTML 3Page - Analog Devices AD650JPZ Datasheet HTML 4Page - Analog Devices AD650JPZ Datasheet HTML 5Page - Analog Devices AD650JPZ Datasheet HTML 6Page - Analog Devices AD650JPZ Datasheet HTML 7Page - Analog Devices AD650JPZ Datasheet HTML 8Page - Analog Devices AD650JPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
AD650
Rev. E | Page 3 of 20
SPECIFICATIONS
T = 25°C, VS = ±15 V, unless otherwise noted.
Table 1.
AD650J/AD650A
AD650K/AD650B
AD650S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Full-Scale Frequency Range
1
1
1
MHz
Nonlinearity1
fMAX = 10 kHz
0.002
0.005
0.002
0.005
0.002
0.005
%
fMAX = 100 kHz
0.005
0.02
0.005
0.02
0.005
0.02
%
fMAX = 500 kHz
0.02
0.05
0.02
0.05
0.02
0.05
%
fMAX = 1 MHz
0.1
0.05
0.1
0.05
0.1
%
Full-Scale Calibration Error2
100 kHz
± 5
± 5
± 5
%
1 MHz
± 10
± 10
± 10
%
vs. Supply3
−0.015
+0.015
−0.015
+0.015
−0.015
+0.015
% of
FSR/V
vs. Temperature
A, B, and S Grades
at 10 kHz
±75
±75
±75
ppm/°C
at 100 kHz
±150
±150
±200
ppm/°C
J and K Grades
at 10 kHz
±75
±75
ppm/°C
at 100 kHz
±150
±150
ppm/°C
BIPOLAR OFFSET CURRENT
Activated by 1.24 kΩ Between
Pin 4 and Pin 5
0.45
0.5
0.55
0.45
0.5
0.55
0.45
0.5
0.55
mA
DYNAMIC RESPONSE
Maximum Settling Time for
Full-Scale Step Input
1 pulse of new frequency plus 1 μs
1 pulse of new frequency plus 1 μs
1 pulse of new frequency plus 1 μs
Overload Recovery Time
Step Input
1 pulse of new frequency plus 1 μs
1 pulse of new frequency plus 1 μs
1 pulse of new frequency plus 1 μs
ANALOG INPUT AMPLIFIER
(V/F CONVERSION)
Current Input Range (Figure 4)
0
+0.6
0
+0.6
0
+0.6
mA
Voltage Input Range (Figure 12)
−10
0
−10
0
−10
0
V
Differential Impedance
2 MΩ||10 pF
2 MΩ||10 pF
2 MΩ||10 pF
Common-Mode Impedance
1000 MΩ||10 pF
1000 MΩ||10 pF
1000 MΩ||10 pF
Input Bias Current
Noninverting Input
40
100
40
100
40
100
nA
Inverting Input
±8
±20
±8
±20
±8
±20
nA
Input Offset Voltage
(Trimmable to Zero)
±4
±4
±4
mV
vs. Temperature (TMIN to TMAX)
±30
±30
±30
µV/°C
Safe Input Voltage
±VS
±VS
±VS
V
COMPARATOR (F/V CONVERSION)
Logic 0 Level
−VS
−1
−VS
−1
−VS
−1
V
Logic 1 Level
0
+VS
0
+VS
0
+VS
V
Pulse Width Range4
0.1
(0.3 × tOS)
0.1
(0.3 × tOS)
0.1
(0.3 × tOS)
µs
Input Impedance
250
250
250
kΩ
OPEN COLLECTOR OUTPUT
(V/F CONVERSION)
Output Voltage in Logic 0
ISINK ≤ 8 mA, TMIN to TMAX
0.4
0.4
0.4
V
Output Leakage Current in Logic 1
100
100
100
nA
Voltage Range5
0
36
0
36
0
36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com