Electronic Components Datasheet Search
  English  ▼

X  

AD650JPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD650JPZ
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650JPZ Datasheet(HTML) 1 Page - Analog Devices

  AD650JPZ Datasheet HTML 1Page - Analog Devices AD650JPZ Datasheet HTML 2Page - Analog Devices AD650JPZ Datasheet HTML 3Page - Analog Devices AD650JPZ Datasheet HTML 4Page - Analog Devices AD650JPZ Datasheet HTML 5Page - Analog Devices AD650JPZ Datasheet HTML 6Page - Analog Devices AD650JPZ Datasheet HTML 7Page - Analog Devices AD650JPZ Datasheet HTML 8Page - Analog Devices AD650JPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Voltage-to-Frequency and
Frequency-to-Voltage Converter
Data Sheet
AD650
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
V/F conversion to 1 MHz
Reliable monolithic construction
Very low nonlinearity
0.002% typ at 10 kHz
0.005% typ at 100 kHz
0.07% typ at 1 MHz
Input offset trimmable to zero
CMOS- or TTL-compatible
Unipolar, bipolar, or differential V/F
V/F or F/V conversion
Available in surface mount
MIL-STD-883 compliant versions available
FUNCTIONAL BLOCK DIAGRAM
OP
AMP
COMP
IN
FREQ
OUT
OUT
ONE
SHOT
8
FOUTPUT
9
COMPARATOR
INPUT
10
DIGITAL
GND
11
ANALOG
GND
12 +VS
13
OFFSET
NULL
7
NC
6
ONE
SHOT
CAPACITOR
5
–VS
4
BIPOLAR
OFFSET
CURRENT
3
–IN
2
+IN
1
VOUT
14
OFFSET
NULL
INPUT
OFFSET
TRIM
–0.6V
AD650
–VS
–VS
1mA
S1
NC = NO CONNECT
Figure 1.
PRODUCT DESCRIPTION
The AD650 V/F/V (voltage-to-frequency or frequency-to-voltage
converter) provides a combination of high frequency operation
and low nonlinearity previously unavailable in monolithic form.
The inherent monotonicity of the V/F transfer function makes
the AD650 useful as a high-resolution analog-to-digital converter.
A flexible input configuration allows a wide variety of input
voltage and current formats to be used, and an open-collector
output with separate digital ground allows simple interfacing to
either standard logic families or opto-couplers.
The linearity error of the AD650 is typically 20 ppm (0.002% of
full scale) and 50 ppm (0.005%) maximum at 10 kHz full scale.
This corresponds to approximately 14-bit linearity in an analog-
to-digital converter circuit. Higher full-scale frequencies or
longer count intervals can be used for higher resolution
conversions. The AD650 has a useful dynamic range of six
decades allowing extremely high resolution measurements.
Even at 1 MHz full scale, linearity is guaranteed less than
1000 ppm (0.1%) on the AD650KN, BD, and SD grades.
In addition to analog-to-digital conversion, the AD650 can be
used in isolated analog signal transmission applications,
phased-locked loop circuits, and precision stepper motor speed
controllers. In the F/V mode, the AD650 can be used in
precision tachometer and FM demodulator circuits.
The input signal range and full-scale output frequency are user-
programmable with two external capacitors and one resistor.
Input offset voltage can be trimmed to zero with an external
potentiometer.
The AD650JN and AD650KN are offered in plastic 14-lead DIP
packages. The AD650JP is available in a 20-lead plastic leaded
chip carrier (PLCC). Both plastic packaged versions of the
AD650 are specified for the commercial temperature range
(0°C to 70°C). For industrial temperature range (−25°C to
+85°C) applications, the AD650AD and AD650BD are offered
in ceramic packages. The AD650SD is specified for the full
−55°C to +125°C extended temperature range.
PRODUCT HIGHLIGHTS
1. Can operate at full-scale output frequencies up to 1 MHz
(in addition to having very high linearity).
2. Can be configured to accommodate bipolar, unipolar, or
differential input voltages, or unipolar input currents.
3. TTL or CMOS compatibility is achieved by using an open
collector frequency output. The pull-up resistor can be
connected to voltages up to 30 V.
4. The same components used for V/F conversion can also be
used for F/V conversion by adding a simple logic biasing
network and reconfiguring the AD650.
5. Separate analog and digital grounds prevent ground loops
in real-world applications.
6. Available in versions compliant with MIL-STD-883.


Similar Part No. - AD650JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650JPZ AD-AD650JPZ Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. E
More results

Similar Description - AD650JPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com