Electronic Components Datasheet Search
  English  ▼

X  

AD9857 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9857
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9857 Datasheet HTML 25Page - Analog Devices AD9857 Datasheet HTML 26Page - Analog Devices AD9857 Datasheet HTML 27Page - Analog Devices AD9857 Datasheet HTML 28Page - Analog Devices AD9857 Datasheet HTML 29Page - Analog Devices AD9857 Datasheet HTML 30Page - Analog Devices AD9857 Datasheet HTML 31Page - Analog Devices AD9857 Datasheet HTML 32Page - Analog Devices AD9857 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
AD9857
Rev. C | Page 28 of 40
PROFILE #1
Tuning Word—Register Address 08h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The lower byte of the 32-bit frequency tuning word, Bits 0–7.
Tuning Word—Register Address 09h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The second byte of the 32-bit frequency tuning word, Bits 8–15.
Tuning Word—Register Address 0Ah, Bits 0, 1, 2, 3, 4, 5, 6, 7
The third byte of the 32-bit frequency tuning word, Bits 16–23.
Tuning Word—Register Address 0Bh, Bits 0, 1, 2, 3, 4, 5, 6, 7
The fourth byte of the 32-bit frequency tuning word, Bits 24–31.
Inverse CIC Bypass—Register Address 0Ch, Bit 0
When set to a Logic 1, the inverse CIC filter is BYPASSED.
When set to a Logic 0, the inverse CIC filter is active.
Spectral Invert—Register Address 0Ch, Bit 1
The quadrature modulator takes the form:
I × cos(ω) + Q × sin(ω) when set to a Logic 1.
I × cos(ω) − Q × sin(ω) when set to a Logic 0.
CIC Interpolation Rate—Register Address 0Ch, Bits 2, 3, 4, 5,
6, 7
00h: Invalid entry.
01h: CIC filters BYPASSED.
02h–3Fh: CIC interpolation rate (2–63, decimal).
Output Scale Factor—Register Address 0Dh, Bits 0, 1, 2, 3, 4,
5, 6, 7
An 8-bit number that serves as a multiplier for the data pathway
before the data is delivered the DAC. It has an LSB weight of 2–7
(0.0078125). This yields a multiplier range of 0 to 1.9921875.
PROFILE #2
Tuning Word—Register Address 0Eh, Bits 0, 1, 2, 3, 4, 5, 6, 7
The lower byte of the 32-bit frequency tuning word, Bits 0–7.
Tuning Word—Register Address 0Fh, Bits 0, 1, 2, 3, 4, 5, 6, 7
The second byte of the 32-bit frequency tuning word, Bits 8–15.
Tuning Word—Register Address 10h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The third byte of the 32-bit frequency tuning word, Bits 16–23.
Tuning Word—Register Address 11h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The fourth byte of the 32-bit frequency tuning word, Bits 24–31.
Inverse CIC Bypass—Register Address 12h, Bit 0
When set to a Logic 1, the inverse CIC filter is BYPASSED.
When set to a Logic 0, the inverse CIC filter is active.
Spectral Invert—Register Address 12h, Bit 1
The quadrature modulator takes the form:
I × cos(ω) + Q × sin(ω) when set to a Logic 1.
I × cos(ω) − Q × sin(ω) when set to a Logic 0.
CIC Interpolation Rate—Register Address 12h, Bits 2, 3, 4, 5,
6, 7
00h: Invalid entry.
01h: CIC filters BYPASSED.
02h–3Fh: CIC interpolation rate (2–63, decimal).
Output Scale Factor—Register Address 13h, Bits 0, 1, 2, 3, 4,
5, 6, 7
An 8-bit number that serves as a multiplier for the data pathway
before the data is delivered the DAC. It has an LSB weight of 2–7
(0.0078125). This yields a multiplier range of 0 to 1.9921875.
PROFILE #3
Tuning Word—Register Address 14h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The lower byte of the 32-bit frequency tuning word, Bits 0–7.
Tuning Word—Register Address 15h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The second byte of the 32-bit frequency tuning word, Bits 8–15.
Tuning Word—Register Address 16h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The third byte of the 32-bit frequency tuning word, Bits 16–23.
Tuning Word—Register Address 17h, Bits 0, 1, 2, 3, 4, 5, 6, 7
The fourth byte of the 32-bit frequency tuning word, Bits 24–31.
Inverse CIC Bypass—Register Address 18h, Bit 0
When set to a Logic 1, the inverse CIC filter is BYPASSED.
When set to a Logic 0, the inverse CIC filter is active.
Spectral Invert—Register Address 18h, Bit 1
The quadrature modulator takes the form:
I × cos(ω) + Q × sin(ω) when set to a Logic 1.
I × cos(ω) − Q × sin(ω) when set to a Logic 0.
CIC Interpolation Rate—Register Address 18h, Bits 2, 3, 4, 5,
6, 7
00h: Invalid entry.
01h: CIC filters BYPASSED.
02h–3Fh: CIC interpolation rate (2–63, decimal).
Output Scale Factor—Register Address 19h, Bits 0, 1, 2, 3, 4,
5, 6, 7
An 8-bit number that serves as a multiplier for the data pathway
before the data is delivered the DAC. It has an LSB weight of 2–7
(0.0078125). This yields a multiplier range of 0 to 1.9921875.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com