Electronic Components Datasheet Search
  English  ▼

X  

AD9857 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9857
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9857 Datasheet HTML 29Page - Analog Devices AD9857 Datasheet HTML 30Page - Analog Devices AD9857 Datasheet HTML 31Page - Analog Devices AD9857 Datasheet HTML 32Page - Analog Devices AD9857 Datasheet HTML 33Page - Analog Devices AD9857 Datasheet HTML 34Page - Analog Devices AD9857 Datasheet HTML 35Page - Analog Devices AD9857 Datasheet HTML 36Page - Analog Devices AD9857 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AD9857
Rev. C | Page 32 of 40
EASE OF USE FEATURES
PROFILE SELECT
The profile select pins, PS0 and PS1, activate one of four
internal profiles within the device. A profile is defined as a
group of control registers. The AD9857 contains four identical
register groupings associated with Profile 0, 1, 2, and 3. They are
available to the user to provide rapid changing of device
parameters via external hardware. Profiles are activated by
simply controlling the logic levels on device pins P0 and P1 as
defined in Table 10.
Table 10. Profile Select Matrix
PS1
PS0
Profile
0
0
0
0
1
1
1
0
2
1
1
3
Each profile offers the following functionality:
1.
Control of the DDS output frequency via the frequency
tuning word.
2.
Control over the sum or difference of the quadrature
modulator components via the Spectral Invert bit (only
valid when the device is operating the quadrature
modulation mode).
3.
Ability to bypass the inverse CIC filter.
4.
Control of the CIC interpolation rate (1× to 63×), or
bypass CIC interpolator.
5.
Control of the output scale factor (which offers a gain
range between 0 and 1.9921875.)
The profile select pins are sampled synchronously with the
PDCLK signal for the quadrature modulation mode and the
interpolating DAC mode. For single-tone mode, they are
sampled synchronously with SYSCLK (internal only).
SETTING THE PHASE OF THE DDS
A feature unique to the AD9857 (versus previous ADI DDS
products) is the ability for the user to preset the DDS
accumulator to a value of 0. This sets the DDS outputs to
sin = 0 and cos = 1. To accomplish this, the user simply
programs a tuning word of 00000000h, which forces the DDS
core to a zero-phase condition.
REFERENCE CLOCK MULTIPLIER
For DDS applications, the carrier is typically limited to about
40% of SYSCLK. For a 65 MHz carrier, the system clock
required is above 160 MHz. To avoid the cost associated with
high frequency references, and the noise coupling issues
associated with operating a high frequency clock on a PC board,
the AD9857 provides an on-chip programmable clock
multiplier that multiplies the reference clock frequency supplied
to the part. The available clock multiplier range is from 4× to
20×, in integer steps. With the reference clock multiplier
enabled, the input reference clock required for the AD9857 can
be kept in the 10 MHz to 50 MHz range for 200 MHz system
operation, which results in cost and system implementation
savings. The reference clock multiplier function maintains clock
integrity as evidenced by the system phase noise characteristics
of the AD9857. External loop filter components consisting of a
series resistor (1.3 kΩ) and capacitor (0.01 µF) provide the
compensation zero for the REFCLK multiplier PLL loop. The
overall loop performance has been optimized for these
component values.
Control of the PLL is accomplished by programming the 5-bit
REFCLK multiplier portion of Control Register 00h.
The PLL may be bypassed by programming a value of 01h.
When bypassed, the PLL is shut down to conserve power.
When programmed for values ranging from 04h–14h (4–20
decimal), the PLL multiplies the REFCLK input frequency by
the corresponding decimal value. The maximum output
frequency of the PLL is restricted to 200 MHz. Whenever the
PLL value is changed, the user should be aware that time must
be allocated to allow the PLL to lock (approximately 1 ms).
Indication of the PLL’s lock status is provided externally via the
PLL lock indicator pin.
PLL LOCK
(See Reference Clock Multiplier section.)
The PLL lock indicator (PLL_LOCK) is an active high output
pin, serving as a flag to the user that the device has locked to the
REFCLK signal.
The status of the PLL lock indicator can be used to control
some housekeeping functions within the device if the user sets
the PLL lock control bit to 0 (Control Register 00h<5>).
Assuming that the PLL lock control bit is cleared (Logic 0), the
status of the PLL lock indicator pin has control over certain
internal device functions. Specifically, if the PLL lock indicator
is a Logic 0 (PLL not locked), then the following static
conditions apply:
1.
The accumulator in the DDS core is cleared.
2.
The internal I and Q data paths are forced to a value of
ZERO.
3.
The CIC filters are cleared.
4.
The PDCLK is forced to a Logic 0.
5.
Activity on the TxENABLE pin is ignored.
On the rising edge of the PLL Lock Indicator, the static
conditions mentioned above are removed and the device
assumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com