Electronic Components Datasheet Search
  English  ▼

X  

AD652SQ Datasheet(PDF) 4 Page - Analog Devices

Part # AD652SQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652SQ Datasheet(HTML) 4 Page - Analog Devices

  AD652SQ Datasheet HTML 1Page - Analog Devices AD652SQ Datasheet HTML 2Page - Analog Devices AD652SQ Datasheet HTML 3Page - Analog Devices AD652SQ Datasheet HTML 4Page - Analog Devices AD652SQ Datasheet HTML 5Page - Analog Devices AD652SQ Datasheet HTML 6Page - Analog Devices AD652SQ Datasheet HTML 7Page - Analog Devices AD652SQ Datasheet HTML 8Page - Analog Devices AD652SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD652
Rev. C | Page 3 of 28
SPECIFICATIONS
Typical @ TA = 25°C, VS = ±15 V, unless otherwise noted. Specifications in boldface are 100% tested at final test and are used to measure
outgoing quality levels.
Table 1.
AD652JP/AQ/SQ
AD652KP/BQ
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
VOLTAGE-TO-FREQUENCY MODE
Gain Error
fCLOCK= 200 kHz
±0.5
±1
±0.25
±0.5
%
fCLOCK = 1 MHz
±0.5
±1
±0.25
±0.5
%
fCLOCK = 4 MHz
±0.5
±1.5
±0.25
±0.75
%
Gain Temperature Coefficient
fCLOCK = 200 kHz
±25
±50
±15
±25
ppm/°C
fCLOCK = 1 MHz
±25
±50
±15
±25
ppm/°C
±10
±50
±10
±30
ppm/°C1
fCLOCK = 4 MHz
±25
±75
±15
±50
ppm/°C
Power Supply Rejection Ratio
0.001
0.01
0.001
0.01
%/V
Linearity Error
fCLOCK = 200 kHz
±0.002
±0.02
±0.002
±0.005
%
fCLOCK = 1 MHz
±0.002
±0.02
±0.002
±0.005
%
fCLOCK = 2 MHz
±0.01
±0.02
±0.002
±0.005
%
fCLOCK = 4 MHz
±0.02
±0.05
±0.01
±0.02
%
Offset (Transfer Function, RTI)
± 1
±3
±1
±2
mV
Offset Temperature Coefficient
±10
±50
±10
±25
µV/°C
Response Time
One Period of New Output Frequency Plus One Clock Period.
FREQUENCY-TO-VOLTAGE MODE
Gain Error, fIN = 100 kHz FS
±0.5
±1
±0.25
±0.5
%
Linearity Error, fIN = 100 kHz FS
±0.002
±0.02
±0.002
±0.01
%
INPUT RESISTORS
CERDIP (Figure 2)(0 to 10 V FS Range)
19.8
20
20.2
19.8
20
20.2
kΩ
PLCC (Figure 3)
Pin 8 to Pin 7
9.9
10
10.1
9.9
10
10.1
kΩ
Pin 7 to Pin 5 (0 V to 5 V FS Range)
9.9
10
10.1
9.9
10
10.1
kΩ
Pin 8 to Pin 5 (0 V to 10 V FS Range)
19.8
20
20.2
19.8
20
20.2
kΩ
Pin 9 to Pin 5 (0 V to 8 V FS Range)
15.8
16
16.2
15.8
16
16.2
kΩ
Pin 10 to Pin 5 (Auxiliary Input)
19.8
20
20.2
19.8
20
20.2
kΩ
Temperature Coefficient (All)
±50
±100
±50
±100
ppm/°C
INTEGRATOR OP AMP
Input Bias Current
Inverting Input (Pin 5)
±5
±20
±5
±20
nA
Noninverting Input (Pin 6)
20
50
20
50
nA
Input Offset Current
20
70
20
70
nA
Input Offset Current Drift
1
3
1
2
nA/°C
Input Offset Voltage
±1
±3
±1
±2
mV
Input Offset Voltage Drift
±10
±25
±10
±15
µV/°C
Open-Loop Gain
86
86
dB
Common-Mode Input Range
–VS + 5
+VS – 5
–VS + 5
+VS – 5
V
CMRR
80
80
dB
Bandwidth
14
95
14
95
MHz
Output Voltage Range
−1
(+VS − 4)
−1
(+VS − 4)
V
(Referred to Pin 6, R1 > = 5 kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com