Electronic Components Datasheet Search
  English  ▼

X  

AD652SQ Datasheet(PDF) 19 Page - Analog Devices

Part # AD652SQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652SQ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD652SQ Datasheet HTML 15Page - Analog Devices AD652SQ Datasheet HTML 16Page - Analog Devices AD652SQ Datasheet HTML 17Page - Analog Devices AD652SQ Datasheet HTML 18Page - Analog Devices AD652SQ Datasheet HTML 19Page - Analog Devices AD652SQ Datasheet HTML 20Page - Analog Devices AD652SQ Datasheet HTML 21Page - Analog Devices AD652SQ Datasheet HTML 22Page - Analog Devices AD652SQ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD652
Rev. C | Page 18 of 28
This can be shown in equation form, where fC is the AD654
output frequency and fOUT is the AD652 output frequency:
V
10
MHz
1
1
C
V
f =
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
=
V
10
2
C
2
OUT
f
V
f
()()⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
=
V
10
V
10
2
MHz
1
2
1
OUT
V
V
f
fOUT = V1 × V2 × 5 kHz/V2
The scope photo in Figure 24 shows V1 and V2 (top two traces)
and the output of the F-V (bottom trace).
V1
V2
VOUT
Figure 24. Multiplier Waveforms
SINGLE-LINE MULTIPLEXED DATA TRANSMISSION
It is often necessary to measure several different signals and
relay the information to some remote location using a mini-
mum amount of cable. Multiple AD652 SVFC devices may be
used with a multiphase clock to combine these measurements
for serial transmission and demultiplexing. Figure 25 shows a
block diagram of a single-line multiplexed data transmission
system with high noise immunity. Figure 26, Figure 27, and
Figure 30 show the SVFC multiplexer, a representative means of
data transmission, and an SVFC demultiplexer respectively.
Multiplexer
Figure 30 shows the SVFC multiplexer. The clock inputs for the
several SVFC channels are generated by a TIM9904A 4-phase
clock driver, and the frequency outputs are combined by
strapping all the frequency output pins together (a wire OR
connection). The one-shot in the AD652 sets the pulse width of
the frequency output pulses to be slightly shorter than one
quarter of the clock period. Synchronization is achieved by
applying one of the four available phases to a fixed TTL one-
shot (’121) and combining the output with external transistor.
The width of this sync pulse is shorter than the width of the
frequency output pulses to facilitate decoding the signal. The
RC lag network on the input of the one-shot provides a slight
delay between the rising edge of the clock and the sync pulse in
order to match the 150 ns delay of the AD652 between the
rising edge of the clock and the output pulse.
Transmitter
The multiplex signal can be transmitted in any manner suitable
to the task at hand. A pulse transformer or an opto-isolator can
provide galvanic isolation; extremely high voltage isolation or
transmission through severe RF environments can be accomp-
lished with a fiber optic link; telemetry can be achieved with a
radio link. The circuit shown in Figure 27 uses an EIA RS-422
standard for digital data transmission over a balanced line.
Figure 24 shows the waveforms of the four clock phases and the
multiplex output signal. Note that the sync pulse is present
every clock cycle, but the data pulses are no more frequent than
every other clock cycle since the maximum output frequency
from the SVFC is half the clock frequency. The clock frequency
used in this circuit is 819.2 kHz, which provides more than
16 bits of resolution if 100 ms gate time is allowed for counting
pulses of the decoded output frequencies.
AD652
VIN1
AD652
VIN2
AD652
VIN3
ONE
SHOT
φ1
φ2
φ3
φ4
CLK
GENERATOR
SVFC MULTIPLEXER
(SEE FIGURE 26)
AD652
φ
2
VOUT1
AD652
φ
3
VOUT2
AD652
φ
4
VOUT3
SVFC
DEMUX
f1
f2
f3
SVFC DEMULTIPLEXER
(SEE FIGURE 30)
DEMULTIPLEXER FREQUENCY TO
VOLTAGE CONVERSION
(SEE FIGURE 31)
TRANSMISSION
LINK
TRANSMISSION
LINK
(SEE FIGURE 27)
Figure 25. Single-Line Multiplexed Data Transmission Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com