Electronic Components Datasheet Search
  English  ▼

X  

AD650ACHIPS Datasheet(PDF) 12 Page - Analog Devices

Part # AD650ACHIPS
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650ACHIPS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD650ACHIPS Datasheet HTML 8Page - Analog Devices AD650ACHIPS Datasheet HTML 9Page - Analog Devices AD650ACHIPS Datasheet HTML 10Page - Analog Devices AD650ACHIPS Datasheet HTML 11Page - Analog Devices AD650ACHIPS Datasheet HTML 12Page - Analog Devices AD650ACHIPS Datasheet HTML 13Page - Analog Devices AD650ACHIPS Datasheet HTML 14Page - Analog Devices AD650ACHIPS Datasheet HTML 15Page - Analog Devices AD650ACHIPS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet
AD650
Rev. E | Page 11 of 20
OP
AMP
COMP
IN
FREQ
OUT
OUT
ONE
SHOT
8
9
10
11
13
12
7
6
5
4
3
2
1
14
INPUT
OFFSET
TRIM
–0.6V
AD650
–VS
–VS
1mA
S1
COS
–15V
0.1µF
–VIN
R1
R3
CINT
20kΩ
250kΩ
0.1µF
1µF
R2
+15V
+VLOGIC
DIGITAL
GND
ANALOG
GND
FOUT
Figure 12. Connection Diagram for V/F Conversion, Negative Input Voltage
OP
AMP
COMP
IN
FREQ
OUT
OUT
ONE
SHOT
8
9
10
11
13
12
7
6
5
4
3
2
1
14
INPUT
OFFSET
TRIM
–0.6V
AD650
–VS
–VS
1mA
S1
COS
–15V
0.1µF
20kΩ
250kΩ
0.1µF
+15V
VOUT
+5V
ANALOG
GND
FIN
2kΩ
500Ω
500Ω
560pF
R1
R3
CINT
1N914
Figure 13. Connection Diagram for F/V Conversion
OP
AMP
COMP
IN
FREQ
OUT
OUT
ONE
SHOT
8
9
10
11
13
12
7
6
5
4
3
2
1
14
INPUT
OFFSET
TRIM
–0.6V
AD650
–VS
–VS
1mA
S1
51pF
–15V
0.1µF
1000pF
20kΩ
250kΩ
510Ω
0.1µF
+15V
OFFSET
ADJUST
ANALOG
GND PLANE
DIGITAL
GND
FOUT
0MHz TO 1MHz
+5V
1µF
3.6kΩ
14.3kΩ
VIN
0V TO 10V
GAIN
ADJUST
5kΩ
Figure 14. 1 MHz V/F Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com