Electronic Components Datasheet Search
  English  ▼

X  

AD650ACHIPS Datasheet(PDF) 16 Page - Analog Devices

Part # AD650ACHIPS
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650ACHIPS Datasheet(HTML) 16 Page - Analog Devices

Back Button AD650ACHIPS Datasheet HTML 12Page - Analog Devices AD650ACHIPS Datasheet HTML 13Page - Analog Devices AD650ACHIPS Datasheet HTML 14Page - Analog Devices AD650ACHIPS Datasheet HTML 15Page - Analog Devices AD650ACHIPS Datasheet HTML 16Page - Analog Devices AD650ACHIPS Datasheet HTML 17Page - Analog Devices AD650ACHIPS Datasheet HTML 18Page - Analog Devices AD650ACHIPS Datasheet HTML 19Page - Analog Devices AD650ACHIPS Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet
AD650
Rev. E | Page 15 of 20
A second major difference is that the output only sinks 1 mA to
the negative supply. There is no pulldown stage at the output
other than the 1 mA current source used for the V-to-F
conversion. The op amp sources a great deal of current from the
positive supply, and it is internally protected by current limiting.
The output of the op amp can be driven to within 3 V of the
positive supply when it is not sourcing external current. When
sourcing 10 mA the output voltage can be driven to within 6 V
of the positive supply.
A third difference between this op amp and a normal device is
that the inverting input, Pin 3, is bias current compensated and
the noninverting input is not bias-current compensated. The
bias current at the inverting input is nominally zero, but can be
as much as 20 nA in either direction. The noninverting input
typically has a bias current of 40 nA that always flows into the
node (an npn input transistor). Therefore, it is not possible to
match input voltage drops due to bias currents by matching
input resistors.
The op amp has provisions for trimming the input offset
voltage. A potentiometer of 20 kΩ is connected from Pin 13 to
Pin 14 and the wiper is connected to the positive supply
through a 250 kΩ resistor. A potential of about 0.6 V is
established across the 250 kΩ resistor, and the 3 μA current is
injected into the null pins. It is also possible to null the op amp
offset voltage by using only one of the null pins and by using a
bipolar current either into or out of the null pin. The amount of
current required is very small—typically less than 3 μA. This
technique is shown in the Applications section of this data
sheet; the autozero circuit uses this technique.
The bipolar offset current is activated by connecting a 1.24 kΩ
resistor between Pin 4 and the negative supply. The resulting
current delivered to the op amp noninverting input is nominally
0.5 mA and has a tolerance of ±10%. This current is then used
to provide an offset voltage when Pin 2 is tied to ground through
a resistor. The 0.5 mA that appears at Pin 2 is also flowing
through the 1.24 kΩ resistor. An external resistor is used to
activate the bipolar offset current source to provide the lowest
tolerance and temperature drift of the resulting offset voltage.
It is possible to use other values of resistance between Pin 4 and
−VS to obtain a bipolar offset current different from 0.5 mA.
Figure 19 shows the relationship between the bipolar offset
current and the value of the resistor used to activate the source.
µA
Ω
200
500
4000
EXTERNAL RESISTOR
400
600
800
1000
1000
1500
2000
2500
3000
3500
Figure 19. Bipolar Offset Current vs. External Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com