Electronic Components Datasheet Search
  English  ▼

X  

TL52055DR Datasheet(PDF) 7 Page - Texas Instruments

Part # TL52055DR
Description  WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL52055DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL52055DR Datasheet HTML 2Page - Texas Instruments TL52055DR Datasheet HTML 3Page - Texas Instruments TL52055DR Datasheet HTML 4Page - Texas Instruments TL52055DR Datasheet HTML 5Page - Texas Instruments TL52055DR Datasheet HTML 6Page - Texas Instruments TL52055DR Datasheet HTML 7Page - Texas Instruments TL52055DR Datasheet HTML 8Page - Texas Instruments TL52055DR Datasheet HTML 9Page - Texas Instruments TL52055DR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TL52055
WIDEBANDWIDTH, 2INPUT, 1OUTPUT
3CIRCUIT VIDEO SWITCH
SCDS169 − MAY 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Cr In A
Cr In B
Cb In A
Cb In B
Y In A
Y In B
VCC
Cr Out
Cb Out
Y Out
10
mF
1
1
2
SW
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
10
mF
10
mF
0.1
mF
22
mF
10
mF
10
mF
10
mF
10
mF
10
mF
75
W
75
W
75
W
75
W
75
W
75
W
10
mF
Figure 5. Application of TL52055
Figure 5 shows a typical application of the TL52055 in component-video signaling. Typically, the peak-to-peak
amplitude of a component-video signal is less than 1 V. If the frequency of operation is less than 40 MHz, the
switch does not cause any loss of signal. Also, due to low crosstalk, there is no degradation of the video switch.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com