Electronic Components Datasheet Search
  English  ▼

X  

TL52055DR Datasheet(PDF) 3 Page - Texas Instruments

Part # TL52055DR
Description  WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL52055DR Datasheet(HTML) 3 Page - Texas Instruments

  TL52055DR Datasheet HTML 1Page - Texas Instruments TL52055DR Datasheet HTML 2Page - Texas Instruments TL52055DR Datasheet HTML 3Page - Texas Instruments TL52055DR Datasheet HTML 4Page - Texas Instruments TL52055DR Datasheet HTML 5Page - Texas Instruments TL52055DR Datasheet HTML 6Page - Texas Instruments TL52055DR Datasheet HTML 7Page - Texas Instruments TL52055DR Datasheet HTML 8Page - Texas Instruments TL52055DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TL52055
WIDEBANDWIDTH, 2INPUT, 1OUTPUT
3CIRCUIT VIDEO SWITCH
SCDS169 − MAY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics VCC = 5 V/9 V, TA = 255C (see Note 2)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ICC1
Operating current 1
VCC = 9 V, No signal
10.3
14
mA
ICC2
Operating current 2
VCC = 5 V, No signal
9.4
12
mA
f†
Frequency bandwidth
VCC = 5 V, VIN = 1 VP-P
40
MHz
GV
Voltage gain
FIN = 1, 10 MHz, VIN = 1 VP-P
−0.6
−0.1
0.4
dB
GF‡
Flatness of voltage gain
FIN = 30 MHz/1 MHz, VIN = 1 VP−P
0
dB
CTSW§
Switch crosstalk
FIN = 4.43 MHz, VIN = 1 VP-P
−75
−60
dB
CTCH¶
Channel crosstalk
FIN = 4.43 MHz, VIN = 1 VP-P
−75
−60
dB
DG
Differential gain
VIN = 1 VP-P, 10-step video signal
0.3
%
DP
Differential phase
VIN = 1 VP-P, 10-step video signal
0.3
deg
VOS
Output offset voltage
−10
0
10
mV
ZI
Input impedance
20
k
Ω
VIH
High-level control input voltage (C inputs)
VCC = 5 V and 9 V
2
VCC
V
VIL
Low-level control input voltage (C inputs)
VCC = 5 V and 9 V
0
0.8
V
† Frequency bandwidth is defined as the maximum frequency, with 0-dB gain.
‡ GF is the difference of GV at 30 MHz and at 1 MHz.
§ Switch crosstalk is defined as the crosstalk from an ON-channel to an OFF-channel (xA to xB).
¶ Channel crosstalk is defined as the crosstalk between two ON-channels (1Y to 2Y, 2Y to 3Y).
NOTE 2: All unused inputs of the device must be open or connected to GND through a capacitor to ensure proper device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com