Electronic Components Datasheet Search
  English  ▼

X  

PE9620 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9620
Description  Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9620 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9620 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9620 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9620 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9620 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Typical Performance Data
-60
-50
-40
-30
-20
-10
0
0
2
4
6
8
10
12
14
16
18
dB
GHz
Return Loss
Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring PE9620
URL:
https://www.pasternack.com/sma-female-sma-female-straight-adapter-pe9620-p.aspx
PE9620 REV 1.2
Precision SMA Female to SMA Female
Bulkhead Mount Adapter, With O-Ring
RF Adapters Technical Data Sheet
PE9620



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com