Electronic Components Datasheet Search
  English  ▼

X  

PE9620 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9620
Description  Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9620 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9620 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9620 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9620 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9620 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMA Female Connector 1
• SMA Female Connector 2
• 50 Ohm
• Precision Design
• Straight Body Geometry
• Bulkhead Mount Method
Features
• Max VSWR of 1.15:1 up to 18 GHz
• SMA interface compliant with MIL-STD-348
• Gold Plated Beryllium Copper Contact
• Max VSWR of 1.15:1 up to 18 GHz
• SMA Interface compliant with MIL-STD-348
• Gold Plated Beryllium Copper Contact
Applications
• General Purpose Test
• Rack Mounted Equipment
• Precision Test & Measurement
• General Purpose Test
• Rack Mounted Equipment
• Precision Test & Measurement
.
Description
Pasternack’s PE9620 SMA female to SMA female bulkhead adapter is part of our full line of RF components available for
same-day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors.
Our SMA to SMA adapter has a female to female gender configuration in a precision design. PE9620 SMA female to SMA
female adapter operates to 18 GHz. The Pasternack RF adapter provides excellent VSWR of 1.15:1 maximum. This RF SMA
to SMA bulkhead adapter allows designers to create external connections on their product enclosures, and can be used in a
variety of other rack mount and panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.15:1
. .
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 4
4 to 8
8 to 18
GHz
VSWR, Max
1.05:1
1.1:1
1.15:1
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring PE9620
PE9620 REV 1.2
Precision SMA Female to SMA Female
Bulkhead Mount Adapter, With O-Ring
PE9620
RF Adapters Technical Data Sheet


Similar Part No. - PE9620

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE9620DEV PLETRONICS-PE9620DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9620DV PLETRONICS-PE9620DV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9620

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9435 PASTERNACK-PE9435 Datasheet
250Kb / 2P
Precision Bulkhead SMA Female to N Female Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9184NH PASTERNACK-PE9184NH Datasheet
363Kb / 4P
Bulkhead Mount SMA Female to SMA Female Adapter
PE9486 PASTERNACK-PE9486 Datasheet
350Kb / 3P
Precision SMA Female to N Female Bulkhead Adapter
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-B-G LINX-ADP-SMAF-SMAF-B-G Datasheet
150Kb / 2P
SMA FEMALE TO SMA FEMALE BULKHEAD MOUNT ADAPTER
ADP-SMAF-SMAF-SSB-G LINX-ADP-SMAF-SMAF-SSB-G Datasheet
210Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, SEALED BULKHEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com