Electronic Components Datasheet Search
  English  ▼

X  

TLC2272ACD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272ACD
Description  Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2272ACD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2272ACD Datasheet HTML 7Page - Texas Instruments TLC2272ACD Datasheet HTML 8Page - Texas Instruments TLC2272ACD Datasheet HTML 9Page - Texas Instruments TLC2272ACD Datasheet HTML 10Page - Texas Instruments TLC2272ACD Datasheet HTML 11Page - Texas Instruments TLC2272ACD Datasheet HTML 12Page - Texas Instruments TLC2272ACD Datasheet HTML 13Page - Texas Instruments TLC2272ACD Datasheet HTML 14Page - Texas Instruments TLC2272ACD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TLC227x, TLC227xA
Advanced LinCMOS
™ RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS190B – FEBRUARY 1997 – REVISED JULY 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2274C electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TLC2274C
TLC2274AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
300
2500
300
950
µV
VIO
Input offset voltage
Full range
3000
1500
µV
αVIO
Temperature coefficient of input
25
°C
2
2
µV/°C
αVIO
offset voltage
to 70
°C
2
2
µV/°C
Input offset voltage long-term
drift (see Note 4)
VIC = 0,
RS = 50 Ω
VO = 0,
25
°C
0.002
0.002
µV/mo
IIO
Input offset current
25
°C
0.5
0.5
pA
IIO
Input offset current
Full range
100
100
pA
IIB
Input bias current
25
°C
1
1
pA
IIB
Input bias current
Full range
100
100
pA
VICR
Common-mode input
RS =50 Ω
|VIO | ≤ 5mV
25
°C
–5
to
4
– 5.3
to
4.2
–5
to
4
– 5.3
to
4.2
V
VICR
voltage range
RS = 50 Ω, |VIO | ≤ 5 mV
Full range
–5
to
3.5
–5
to
3.5
V
IO = – 20 µA
25
°C
4.99
4.99
Maximum positive peak output
IO = 200 µA
25
°C
4.85
4.93
4.85
4.93
VOM +
Maximum positive peak output
voltage
IO = – 200 µA
Full range
4.85
4.85
V
voltage
IO =1 mA
25
°C
4.25
4.65
4.25
4.65
IO = – 1 mA
Full range
4.25
4.25
VIC = 0,
IO = 50 µA
25
°C
– 4.9
9
– 4.9
9
V
Maximum negative peak output
VIC =0
IO = 500 µA
25
°C
– 4.8
5
– 4.9
1
– 4.8
5
– 4.9
1
V
VOM –
Maximum negative eak out ut
voltage
VIC = 0,
IO = 500 µA
Full range
– 4.8
5
– 4.8
5
V
VIC =0
IO =5 mA
25
°C
– 3.5
– 4.1
– 3.5
– 4.1
VIC = 0,
IO = – 5 mA
Full range
– 3.5
– 3.5
Large signal differential voltage
RL =10kΩ
25
°C
25
50
25
50
AVD
Large-signal differential voltage
amplification
VO = ± 4 V
RL = 10 kΩ
Full range
25
25
V/mV
am lification
RL = 1 MΩ
25
°C
300
300
rid
Differential input resistance
25
°C
1012
1012
Ω
ri
Common-mode input resistance
25
°C
1012
1012
Ω
ci
Common-mode input
capacitance
f = 10 kHz,
N package
25
°C
8
8
pF
zo
Closed-loop output impedance
f = 1 MHz,
AV = 10
25
°C
130
130
Ω
CMRR
Common mode rejection ratio
VIC = – 5 V to 2.7 V,
25
°C
75
80
75
80
dB
CMRR
Common-mode rejection ratio
IC
VO = 0,
RS = 50 Ω
Full range
75
75
dB
kSVR
Supply-voltage rejection ratio
VDD
± = ±2.2 V to ±8 V,
25
°C
80
95
80
95
dB
kSVR
yg
j
(
∆VDD±/∆VIO)
DD
±
VIC = 0,
No load
Full range
80
80
dB
IDD
Supply current
VO =0
No load
25
°C
4.8
6
4.8
6
mA
IDD
Supply current
VO = 0,
No load
Full range
6
6
mA
† Full range is 0
°C to 70°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com