Electronic Components Datasheet Search
  English  ▼

X  

TLC2272ACD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272ACD
Description  Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2272ACD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2272ACD Datasheet HTML 8Page - Texas Instruments TLC2272ACD Datasheet HTML 9Page - Texas Instruments TLC2272ACD Datasheet HTML 10Page - Texas Instruments TLC2272ACD Datasheet HTML 11Page - Texas Instruments TLC2272ACD Datasheet HTML 12Page - Texas Instruments TLC2272ACD Datasheet HTML 13Page - Texas Instruments TLC2272ACD Datasheet HTML 14Page - Texas Instruments TLC2272ACD Datasheet HTML 15Page - Texas Instruments TLC2272ACD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
TLC227x, TLC227xA
Advanced LinCMOS
™ RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS190B – FEBRUARY 1997 – REVISED JULY 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2274C operating characteristics at specified free-air temperature, VDD± = ±5 V
PARAMETER
TEST CONDITIONS
T †
TLC2274C
TLC2274AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Slew rate at unity
VO = ± 23 V
RL =10kΩ
25
°C
2.3
3.6
2.3
3.6
SR
Slew rate at unity
gain
VO = ± 2.3 V,
CL = 100 pF
RL = 10 kΩ,
Full
17
17
V/
µs
gain
CL = 100 F
range
1.7
1.7
V
Equivalent input
f = 10 Hz
25
°C
50
50
nV/
√Hz
Vn
q
noise voltage
f = 1 Hz
25
°C
9
9
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
1
1
µV
VN(PP)
equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.4
1.4
µV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA /
√Hz
Total harmonic
VO = ± 2.3 V,
AV = 1
0.0011%
0.0011%
THD + N
Total harmonic
distortion plus
VO = ± 2.3 V,
f = 20 kHz,
AV = 10
25
°C
0.004%
0.004%
noise
RL = 10 kΩ
AV = 100
0.03%
0.03%
Gain-bandwidth
f = 10 kHz,
RL= 10 kΩ,
25
°C
225
225
MHz
product
,
CL = 100 pF
L
,
25
°C
2.25
2.25
MHz
BOM
Maximum
output swing
VO(PP) = 4.6 V, AV = 1,
25
°C
054
054
MHz
BOM
output-swing
bandwidth
O(PP)
RL = 10 kΩ,
V
CL = 100 pF
25
°C
0.54
0.54
MHz
AV =– 1,
To 0 1%
15
15
t
Settling time
AV = 1,
Step = – 2.3 V to 2.3 V,
To 0.1%
25
°C
1.5
1.5
µs
ts
Settling time
,
RL = 10 kΩ,
To 0 01%
25
°C
32
32
µs
L
CL = 100 pF
To 0.01%
3.2
3.2
φm
Phase margin at
unity gain
RL = 10 kΩ,
CL = 100 pF
25
°C
52
°
52
°
Gain margin
L
L
25
°C
10
10
dB
† Full range is 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com