Electronic Components Datasheet Search
  English  ▼

X  

TSM103WIDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM103WIDT
Description  Dual Operational Amplifier and Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM103WIDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSM103WIDT Datasheet HTML 1Page - STMicroelectronics TSM103WIDT Datasheet HTML 2Page - STMicroelectronics TSM103WIDT Datasheet HTML 3Page - STMicroelectronics TSM103WIDT Datasheet HTML 4Page - STMicroelectronics TSM103WIDT Datasheet HTML 5Page - STMicroelectronics TSM103WIDT Datasheet HTML 6Page - STMicroelectronics TSM103WIDT Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2004
1/7
OPERATIONAL AMPLIFIER
s
LOW INPUT OFFSET VOLTAGE : 0.5mV
typ.
s
LOW SUPPLY CURRENT : 350
µA/op.
(@ V
CC = 5V)
s
MEDIUM BANDWIDTH (unity gain) : 0.9MHz
s
LARGE OUTPUT VOLTAGE SWING : 0V to
(V
CC - 1.5V)
s
INPUT COMMON MODE VOLTAGE RANGE
INCLUDES GROUND
s
WIDE POWER SUPPLY RANGE : 3 to 32V
±1.5 TO ±16V
s
1.5kV ESD PROTECTION
s
VOLTAGE REFERENCE
s
FIXED OUTPUT VOLTAGE REFERENCE
2.5V
s
±0.4% OR ±0.7% VOLTAGE PRECISION
s
SINK CURRENT CAPABILITY : 1 to 100mA
s
TYPICAL OUTPUT IMPEDANCE : 0.2
Ω
DESCRIPTION
The TSM103W is a monolithic IC that includes
one independent op-amp and another op-amp for
which the non-inverting input is wired to a 2.5V
fixed Voltage Reference. This device offers both
space and cost savings in many applications such
as power supply management or data acquisition
systems.
ORDER CODE
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
Packaging
TSM103WID
-40, +105°C
SO-8
Tube
TSM103WIDT
Tape & Ree
TSM103WAID
Tube
TSM103WAIDT
Tape & Reel
D
SO-8
(Plastic Micropackage)
1
2
3
4
5
6
7
8
Output 1
V
CC
+
Non-inverting Input 1
Inverting Input 1
Output 2
Non-inverting Input 2
Inverting Input 2
V
CC
-
OP1
OP2
+
+
-
-
VRef
TSM103W
Dual Operational Amplifier and Voltage Reference
Revision 3


Similar Part No. - TSM103WIDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM103WIDT STMICROELECTRONICS-TSM103WIDT Datasheet
54Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
More results

Similar Description - TSM103WIDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM106 STMICROELECTRONICS-TSM106 Datasheet
90Kb / 6P
Dual Operational Amplifier and Voltage Reference
Oct-2004
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com