Electronic Components Datasheet Search
  English  ▼

X  

TSM103WIDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM103WIDT
Description  Dual Operational Amplifier and Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM103WIDT Datasheet(HTML) 2 Page - STMicroelectronics

  TSM103WIDT Datasheet HTML 1Page - STMicroelectronics TSM103WIDT Datasheet HTML 2Page - STMicroelectronics TSM103WIDT Datasheet HTML 3Page - STMicroelectronics TSM103WIDT Datasheet HTML 4Page - STMicroelectronics TSM103WIDT Datasheet HTML 5Page - STMicroelectronics TSM103WIDT Datasheet HTML 6Page - STMicroelectronics TSM103WIDT Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSM103W
ABSOLUTE MAXIMUM RATINGS
2/7
1
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
36
V
Vid
Differential Input Voltage
Vcc + 0.6
V
Vi
Input VoltageL
-0.3 to Vcc + 0.3V
V
Tstg
Storage temperature range
-65 to + 150
°C
Ik
Continuous cathode current range
-100 to 150
mA
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient (SO package)
175
°C/W
Tl
Maximum Lead Temperature (10 seconds maximum)
260
°C
ESD
Electrostatic Discharge Protection
1.5
kV
Symbol
Parameter
Value
Unit
Vcc
DC Supply Conditions
3 to 32
V
Ik
Vref Cathode Current
1 to 100
mA
Toper
Operating Free-air Temperature Range
-40°C, +105°C
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com