Electronic Components Datasheet Search
  English  ▼

X  

FMS6346 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6346
Description  Six Channel, 6th-Order SD/HD Video Filter Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6346 Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6346 Datasheet HTML 1Page - ON Semiconductor FMS6346 Datasheet HTML 2Page - ON Semiconductor FMS6346 Datasheet HTML 3Page - ON Semiconductor FMS6346 Datasheet HTML 4Page - ON Semiconductor FMS6346 Datasheet HTML 5Page - ON Semiconductor FMS6346 Datasheet HTML 6Page - ON Semiconductor FMS6346 Datasheet HTML 7Page - ON Semiconductor FMS6346 Datasheet HTML 8Page - ON Semiconductor FMS6346 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2006 Fairchild Semiconductor
www.fairchildsemi.com
FMS6346 • Rev. 1.0.5
October 2009
FMS6346
Six Channel, 6th-Order SD/HD Video Filter Driver
Features
Three selectable sixth-order 8/32MHz (SD/HD) filters
Three fixed sixth-order 8MHz (SD) filters
Transparent input clamping
Single video load drive (2Vpp, 150Ω, AV = 6dB)
AC- or DC-coupled inputs
AC- or DC-coupled outputs
DC-coupled outputs eliminate AC-coupling capacitors
Low power
5V only
Robust (12kV HBM) output ESD protection
Lead-free package - TSSOP-20
Applications
Cable and satellite set-top boxes
DVD players
HDTV
Personal Video Recorders (PVR)
Video On Demand (VOD)
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
Description
The FMS6346 Low Cost Video Filter (LCVF) is intended
to replace passive LC filters and drivers with a low-cost
integrated device. Six sixth-order Butterworth filters pro-
vide improved image quality compared to typical passive
solutions. The combination of low-power Standard-Defini-
tion (SD) and High-Definition (HD) filters greatly simplify
DVD video output circuitry. Three channels offer fixed SD
filters, while the other three are selectable between SD
and HD filters.
The FMS6346 offers a fixed gain of 6dB. The FMS6346
may be directly driven by a DC-coupled DAC output or an
AC-coupled signal. Internal diode clamps and bias
circuitry may be used if AC-coupled inputs are required
(see Applications section for details).
The outputs can drive AC- or DC-coupled single (150Ω)
video loads. DC-coupling the outputs removes the need
for output coupling capacitors. The input DC levels are
offset approximately +280mV at the output.
Ordering Information
Part Number
Gain Option
Operating
Temperature
Eco Status
Package
Packing Method
FMS6346MTC20X
6dB
0°C to 70°C
RoHS
TSSOP-20
2500 Units on
Tape and Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html
.
SD IN1
Selectable
8/32MHz
6th order
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
8MHz, 6th order
SD/HD
SD IN2
SD IN3
SD OUT1
SD OUT2
SD OUT3
SD/HD IN1
SD/HD IN2
SD/HD IN3
SD/HD OUT2
SD/HD OUT3
SD/HD OUT1
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com