Electronic Components Datasheet Search
  English  ▼

X  

FMS6346 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FMS6346
Description  Six Channel, 6th-Order SD/HD Video Filter Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6346 Datasheet(HTML) 3 Page - ON Semiconductor

  FMS6346 Datasheet HTML 1Page - ON Semiconductor FMS6346 Datasheet HTML 2Page - ON Semiconductor FMS6346 Datasheet HTML 3Page - ON Semiconductor FMS6346 Datasheet HTML 4Page - ON Semiconductor FMS6346 Datasheet HTML 5Page - ON Semiconductor FMS6346 Datasheet HTML 6Page - ON Semiconductor FMS6346 Datasheet HTML 7Page - ON Semiconductor FMS6346 Datasheet HTML 8Page - ON Semiconductor FMS6346 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2006 Fairchild Semiconductor
www.fairchildsemi.com
FMS6346 • Rev. 1.0.5
2
FMS6346
20L TSSOP
VCC
SD IN2
SD IN3
SD/HD IN1
SD IN1
FcSEL
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
SD/HD IN2
SD/HD IN3
SD OUT2
SD OUT3
SD/HD OUT1
SD OUT1
SD/HD OUT2
SD/HD OUT3
GND
9
10
N/C
12
11
N/C
N/C
N/C
GND
Pin Configuration
Pin Assignments
Pin#
Pin
Type
Description
1
SD IN1
Input SD video input, channel 1
2
SD IN2
Input SD video input, channel 2
3
SD IN3
Input SD video input, channel 3
4
N/C
Input No Connection
5
VCC
Input +5V supply
6
FcSEL
Input Selects filter corner frequency for pins 7, 8, and 9: “0” = SD, “1” = PS
7
SD/HD IN1
Input Selectable SD or PS video input, channel 1
8
SD/HD IN2
Input Selectable SD or PS video input, channel 2
9
SD/HD IN3
Input Selectable SD or PS video input, channel 3
10
N/C
Input No Connection
11
N/C
Input No Connection
12
SD/HD
Out-
Filtered SD or PS video output, channel 3
13
SD/HD
Out-
Filtered SD or PS video output, channel 2
14
SD/HD
Out-
Filtered SD or PS video output, channel 1
15
N/C
Input No Connection
16
GND
Input Must be tied to ground
17
GND
Input Must be tied to ground
18
SD OUT3
Out-
Filtered SD video output, channel 3
19
SD OUT2
Out-
Filtered SD video output, channel 2
20
SD OUT1
Out-
Filtered SD video output, channel 1
Figure 2. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com