Electronic Components Datasheet Search
  English  ▼

X  

FMS6646 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6646
Description  Six Channel, SD/HD 1080p Video Filter Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6646 Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6646 Datasheet HTML 1Page - ON Semiconductor FMS6646 Datasheet HTML 2Page - ON Semiconductor FMS6646 Datasheet HTML 3Page - ON Semiconductor FMS6646 Datasheet HTML 4Page - ON Semiconductor FMS6646 Datasheet HTML 5Page - ON Semiconductor FMS6646 Datasheet HTML 6Page - ON Semiconductor FMS6646 Datasheet HTML 7Page - ON Semiconductor FMS6646 Datasheet HTML 8Page - ON Semiconductor FMS6646 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
May 2011
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6646 • Rev. 1.0.3
FMS6646
Six Channel, SD/HD 1080p Video Filter Driver
Features
Three Selectable 8/75MHz (SD/HD 1080p) Filters
Three Fixed 8MHz (SD) Filters
Transparent Input Clamping
Single Video Load Drive (2VPP, 150Ω, AV = 6dB)
AC- or DC-Coupled Inputs
AC- or DC-Coupled Outputs
DC-Coupled Outputs Eliminate AC-Coupling
Capacitors
Low-Power
Robust Output ESD Protection: 9kV HBM
Applications
Cable and Satellite Set-Top Boxes
DVD Players
HDTV
Personal Video Recorders (PVR)
Video On Demand (VOD)
Description
The FMS6646 Low Cost Video Filter (LCVF) is intended
to replace passive LC filters and drivers with a low-cost
integrated device. Six Butterworth filters provide
improved image quality compared to typical passive
solutions. The combination of low-power Standard-
Definition (SD) and High-Definition (HD 1080p) filters
greatly simplifies DVD video output circuitry. Three
channels offer fixed SD filters, while the other three are
selectable between SD and HD filters.
The FMS6646 offers a fixed gain of 6dB.
The FMS6646 may be directly driven by a DC-coupled
DAC output or an AC-coupled signal. Internal diode
clamps and bias circuitry may be used if AC-coupled
inputs are required (see the Applications Information
section for details)
.
The outputs can drive AC- or DC-coupled single (150Ω)
video loads. DC-coupling the outputs removes the need
for output coupling capacitors. The input DC levels are
offset approximately +280mV at the output.
Ordering Information
Part Number
Operating
Temperature Range
Gain Setting
Package
Packing
Method
FMS6646MTC20X
-40°C to +85°C
6dB
TSSOP-20
2500 / Reel
Figure 1. Block Diagram
SD IN1
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
8MHz, 6 th order
SD/HD
SD IN2
SD IN3
SD OUT1
SD OUT2
SD OUT3
SD/HD 1080p IN1
SD/HD 1080p IN2
SD/HD 1080p IN3
SD/HD 1080p OUT2
SD/HD 1080p OUT3
SD/HD 1080p OUT1
FcSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com