Electronic Components Datasheet Search
  English  ▼

X  

FMS6646 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FMS6646
Description  Six Channel, SD/HD 1080p Video Filter Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6646 Datasheet(HTML) 3 Page - ON Semiconductor

  FMS6646 Datasheet HTML 1Page - ON Semiconductor FMS6646 Datasheet HTML 2Page - ON Semiconductor FMS6646 Datasheet HTML 3Page - ON Semiconductor FMS6646 Datasheet HTML 4Page - ON Semiconductor FMS6646 Datasheet HTML 5Page - ON Semiconductor FMS6646 Datasheet HTML 6Page - ON Semiconductor FMS6646 Datasheet HTML 7Page - ON Semiconductor FMS6646 Datasheet HTML 8Page - ON Semiconductor FMS6646 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6646 • Rev.1.0.3
2
Pin Configuration
Figure 2. Pin Configuration
Pin Definitions
Pin#
Name
Type
Description
1
SD IN1
Input
SD video input, channel 1
2
SD IN2
Input
SD video input, channel 2
3
SD IN3
Input
SD video input, channel 3
4
N/C
Input
No Connection
5
VCC
Input
+3.3V supply
6
FcSEL
Input
Selects filter corner frequency for pins 7, 8, and 9: “0” = SD, “1” = HD
(1080p)
7
SD/HD (1080p) IN1
Input
Selectable SD or HD (1080p) video input, channel 1
8
SD/HD (1080p) IN2
Input
Selectable SD or HD (1080p) video input, channel 2
9
SD/HD (1080p) IN3
Input
Selectable SD or HD (1080p) video input, channel 3
10
N/C
Input
No Connection
11
N/C
Input
No Connection
12
SD/HD (1080p) OUT3
Output
Filtered SD or HD (1080p) video output, channel 3
13
SD/HD (1080p) OUT2
Output
Filtered SD or HD (1080p) video output, channel 2
14
SD/HD (1080p) OUT1
Output
Filtered SD or HD (1080p) video output, channel 1
15
N/C
Input
No Connection
16
GND
Input
Must be tied to ground
17
GND
Input
Must be tied to ground
18
SD OUT3
Output
Filtered SD video output, channel 3
19
SD OUT2
Output
Filtered SD video output, channel 2
20
SD OUT1
Output
Filtered SD video output, channel 1
FMS6646
20L TSSOP
VCC
SD IN2
SD IN3
SD/HD 1080p IN1
SD IN1
FcSEL
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
SD/HD 1080p IN2
SD/HD 1080p IN3
SD OUT2
SD OUT3
SD/HD 1080p OUT1
SD OUT1
SD/HD 1080p OUT2
SD/HD 1080p OUT3
GND
9
10
N/C
12
11
N/C
N/C
N/C
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com