Electronic Components Datasheet Search
  English  ▼

X  

AD7195 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7195
Description  Sigma-Delta ADC with PGA and AC Excitation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7195 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7195 Datasheet HTML 35Page - Analog Devices AD7195 Datasheet HTML 36Page - Analog Devices AD7195 Datasheet HTML 37Page - Analog Devices AD7195 Datasheet HTML 38Page - Analog Devices AD7195 Datasheet HTML 39Page - Analog Devices AD7195 Datasheet HTML 40Page - Analog Devices AD7195 Datasheet HTML 41Page - Analog Devices AD7195 Datasheet HTML 42Page - Analog Devices AD7195 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
AD7195
Data Sheet
Rev. A | Page 38 of 44
Simultaneous 50 Hz and 60 Hz rejection is obtained when
FS[9:0] is set to 480 (master clock = 4.92 MHz), as shown in
Figure 38. The output data rate is 10 Hz when zero latency is
disabled and 3.3 Hz when zero latency is enabled. The sinc3
filter has rejection of 100 dB minimum at 50 Hz ± 1 Hz and
60 Hz ± 1 Hz.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 38. Sinc3 Filter Response (FS[9:0] = 480)
Simultaneous 50 Hz/60 Hz rejection is also achieved using the
REJ60 bit in the mode register. When FS[9:0] is programmed to
96 and the REJ60 bit is set to 1, notches are placed at both 50 Hz
and 60 Hz for a stable 4.92 MHz master clock. Figure 39 shows
the frequency response of the sinc3 filter with this configuration.
Assuming a stable clock, the rejection at 50 Hz/60 Hz (±1 Hz)
is in excess of 67 dB minimum.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
25
50
75
100
125
150
FREQUENCY (Hz)
Figure 39. Sinc3 Filter Response (FS[9:0] = 96, REJ60 = 1)
CHOP ENABLED (SINC4 FILTER)
With chop enabled, the ADC offset and offset drift are minimized.
The analog input pins are continuously swapped. With the
analog input pins connected in one direction, the settling time
of the sinc filter is allowed and a conversion is recorded. The
analog input pins are then inverted, and another settled conver-
sion is obtained. Subsequent conversions are averaged to
minimize the offset. This continuous swapping of the analog
input pins and the averaging of subsequent conversions means
that the offset drift is also minimized. With chop enabled, the
resolution increases by 0.5 bits.
SINC3/SINC4
MODULATOR
ADC
CHOP
Figure 40. Chop Enabled
Output Data Rate and Settling Time (Sinc4 Chop
Enabled)
For the sinc4 filter, the output data rate is equal to
fADC = fCLK/(4 × 1024 × FS[9:0])
where:
fADC is the output data rate.
fCLK is the master clock (4.92 MHz nominal).
FS[9:0] is the decimal equivalent of Bit FS9 to Bit FS0 in the
mode register.
The value of FS[9:0] can be varied from 1 to 1023. This results
in an output data rate of 1.17 Hz to 1200 Hz. The settling time is
equal to
tSETTLE = 2/fADC
Table 33 gives some examples of FS[9:0] values and the corres-
ponding output data rates and settling times.
Table 33. Examples of Output Data Rates and the
Corresponding Settling Time
FS[9:0]
Output Data Rate (Hz)
Settling Time (ms)
96
12.5
160
80
15
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com