Electronic Components Datasheet Search
  English  ▼

X  

AD7195 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7195
Description  Sigma-Delta ADC with PGA and AC Excitation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7195 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7195 Datasheet HTML 8Page - Analog Devices AD7195 Datasheet HTML 9Page - Analog Devices AD7195 Datasheet HTML 10Page - Analog Devices AD7195 Datasheet HTML 11Page - Analog Devices AD7195 Datasheet HTML 12Page - Analog Devices AD7195 Datasheet HTML 13Page - Analog Devices AD7195 Datasheet HTML 14Page - Analog Devices AD7195 Datasheet HTML 15Page - Analog Devices AD7195 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Data Sheet
AD7195
Rev. A | Page 11 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
8,388,760
8,388,758
8,388,756
8,388,754
8,388,752
8,388,750
8,388,748
8,388,746
0
200
400
600
800
1000
SAMPLE
Figure 6. Noise (VREF = 5 V,Output Data Rate = 4.7 Hz, Gain = 128,
Chop Disabled, Sinc4 Filter)
250
200
150
100
50
0
CODE
Figure 7. Noise Distribution Histogram (VREF = 5 V,
Output Data Rate = 4.7 Hz, Gain = 128, Chop Disabled, Sinc4 Filter)
8,388,950
8,388,900
8,388,800
8,388,750
8,388,650
8,388,600
8,388,850
8,388,700
8,388,550
8,388,500
8,388,450
0
200
400
600
800
1000
100
300
500
700
900
SAMPLES
Figure 8. Noise (VREF = 5 V,Output Data Rate = 4800 Hz, Gain = 128,
Chop Disabled, Sinc4 Filter)
30
20
25
15
10
5
0
8,388,490
8,388,576
8,388,662
8,388,748
8,388,834
8,388,920
CODE
Figure 9. Noise Distribution Histogram (VREF = 5 V,
Output Data Rate = 4800 Hz, Gain = 128, Chop Disabled, Sinc4 Filter)
8,388,820
8,388,800
8,388,760
8,388,740
8,388,700
8,388,680
8,388,780
8,388,720
8,388,660
8,388,640
8,388,620
0
200
400
600
800
1000
100
300
500
700
900
SAMPLES
Figure 10. Noise (VREF = 5 V, Output Data Rate = 4800 Hz, Gain = 1,
Chop Disabled, Sinc4 Filter)
80
50
70
40
60
30
20
10
0
8,388,620
8,388,660
8,388,700
8,388,740
8,388,780
8,388,820
CODE
Figure 11. Noise Distribution Histogram (VREF = 5 V,
Output Data Rate = 4800 Hz, Gain = 1, Chop Disabled, Sinc4 Filter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com