Electronic Components Datasheet Search
  English  ▼

X  

AD7357BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7357BCPZ
Description  Differential Input, Dual, Simultaneous Sampling
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7357BCPZ Datasheet HTML 15Page - Analog Devices AD7357BCPZ Datasheet HTML 16Page - Analog Devices AD7357BCPZ Datasheet HTML 17Page - Analog Devices AD7357BCPZ Datasheet HTML 18Page - Analog Devices AD7357BCPZ Datasheet HTML 19Page - Analog Devices AD7357BCPZ Datasheet HTML 20Page - Analog Devices AD7357BCPZ Datasheet HTML 21Page - Analog Devices AD7357BCPZ Datasheet HTML 22Page - Analog Devices AD7357BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD7357
Data Sheet
Rev. E | Page 18 of 24
MODES OF OPERATION
The AD7357 mode of operation is selected by controlling the
logic state of the CS signal during a conversion. There are three
possible modes of operation: normal mode, partial power-down
mode, and full power-down mode. After a conversion is initiated,
the point at which CS is pulled high determines which power-
down mode, if any, the device enters. Similarly, if already in a
power-down mode, CS can control whether the device returns
to normal operation or remains in a power-down mode. These
modes of operation are designed to provide flexible power
management options. These options can be chosen to optimize
the power dissipation and throughput rate ratio for the differing
application requirements.
NORMAL MODE
Normal mode is intended for applications needing the fastest
throughput rates. The user does not need to worry about any
power-up times because the AD7357 remains fully powered at
all times. Figure 25 shows the general diagram of the operation
of the AD7357 in this mode.
SCLK
LEADING ZEROS + CONVERSION RESULT
CS
114
10
SDATAA
SDATAB
Figure 25. Normal Mode Operation
The conversion is initiated on the falling edge of CS, as described
in the Serial Interface section. To ensure that the device remains
fully powered up at all times, CS must remain low until at least
10 SCLK falling edges have elapsed after the falling edge of CS.
If CS is brought high any time after the 10th SCLK falling edge
but before the 16th SCLK falling edge, the device remains powered
up, but the conversion is terminated and SDATAA and SDATAB
go back into three-state. To complete the conversion and access
the conversion result for the AD7357, 16 serial clock cycles are
required. SDATA lines do not return to three-state after 16 SCLK
cycles have elapsed, but instead do so when CS is brought high
again. If CS is left low for another 2 SCLK cycles, two trailing
zeros are clocked out after the data. If CS is left low for a further
16 SCLK cycles, the result for the other ADC on board is also
accessed on the same SDATA line as shown in Figure 32 (see
the Serial Interface section).
When 32 SCLK cycles have elapsed, the SDATA line returns to
three-state on the 32nd SCLK falling edge. If CS is brought high
prior to this, the SDATA line returns to three-state at that point.
Thus, CS may idle low after 32 SCLK cycles until it is brought
high again sometime prior to the next conversion, if so desired,
because the bus still returns to three-state upon completion of
the dual result read.
When a data transfer is complete and SDATAA and SDATAB have
returned to three-state, another conversion can be initiated after
the quiet time, tQUIET, has elapsed by bringing CS low again
(assuming the required acquisition time has been allowed).
PARTIAL POWER-DOWN MODE
This mode is intended for use in applications where slower
throughput rates are required. Either the ADC is powered down
between each conversion or a series of conversions can be
performed at a high throughput rate and the ADC is then
powered down for a relatively long duration between these
bursts of several conversions. When the AD7357 is in partial
power-down mode, all analog circuitry is powered down except
for the on-chip reference and reference buffers.
To enter partial power-down mode, interrupt the conversion
process by bringing CS high anywhere after the second falling
edge of SCLK and before the 10th falling edge of SCLK, as shown in
Figure 26. When CS is brought high in this window of SCLKs,
the device enters partial power-down mode, the conversion that
was initiated by the falling edge of CS is terminated, and SDATAA
and SDATAB go back into three-state. If CS is brought high before
the second SCLK falling edge, the device remains in normal mode
and does not power down. This avoids accidental power-down
due to glitches on the CS line.
SCLK
THREE-STATE
CS
SDATAA
SDATAB
114
10
2
Figure 26. Entering Partial Power-Down Mode
To exit this mode of operation and to power up the AD7357 again,
perform a dummy conversion. On the falling edge of CS, the device
begins to power up and continues to power up as long as CS is
held low until after the falling edge of the 10th SCLK. The device
is fully powered up after approximately 200 ns elapses (or one
full conversion), and valid data results from the next conversion, as
shown in Figure 27. If CS is brought high before the second falling
edge of SCLK, the AD7357 again goes into partial power-down
mode. This avoids accidental power-up due to glitches on the
CS line. Although the device may begin to power up on the falling
edge of CS, it powers down again on the rising edge of CS. If the
AD7357 is already in partial power-down mode and CS is brought
high between the second and 10th falling edges of SCLK, the device
enters full power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com