Electronic Components Datasheet Search
  English  ▼

X  

AD7781 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7781
Description  20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7781 Datasheet(HTML) 4 Page - Analog Devices

  AD7781 Datasheet HTML 1Page - Analog Devices AD7781 Datasheet HTML 2Page - Analog Devices AD7781 Datasheet HTML 3Page - Analog Devices AD7781 Datasheet HTML 4Page - Analog Devices AD7781 Datasheet HTML 5Page - Analog Devices AD7781 Datasheet HTML 6Page - Analog Devices AD7781 Datasheet HTML 7Page - Analog Devices AD7781 Datasheet HTML 8Page - Analog Devices AD7781 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD7781
Rev. 0 | Page 3 of 16
SPECIFICATIONS
AVDD = 2.7 V to 5.25 V, VREF = AVDD, DVDD = 2.7 V to 5.25 V, GND = 0 V, all specifications TMIN to TMAX, unless otherwise noted.1
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC CHANNEL
Output Update Rate (fADC)
10
Hz
FILTER = 1, settling time = 3/fADC
16.7
Hz
FILTER = 0, settling time = 2/fADC
No Missing Codes2
20
Bits
Resolution, Peak-to-Peak
See Table 7 and Table 8
RMS Noise
See Table 7 and Table 8
Integral Nonlinearity
±6
ppm FSR
Offset Error
±6
μV
Gain = 128 with FILTER = 1
±200
μV
Gain = 1 with FILTER = 1
±1
μV
Gain = 128 with FILTER = 0
±10
μV
Gain = 1 with FILTER = 0
Offset Error Drift vs. Temperature
±10
nV/°C
Gain = 128
±150
nV/°C
Gain = 1 with FILTER = 1
±10
nV/°C
Gain = 1 with FILTER = 0
Full-Scale Error
±0.25
% of FS
Gain Drift vs. Temperature
±2
ppm/°C
Power Supply Rejection
100
dB
Gain = 128, FILTER = 1, AIN = 7.81 mV
120
dB
Gain = 128, FILTER = 0, AIN = 7.81 mV
Normal Mode Rejection2
50 Hz, 60 Hz
63
75
dB
50 Hz ± 1 Hz, 60 Hz ± 1 Hz, fADC = 16.7 Hz
72
90
dB
50 Hz ± 1 Hz, 60 Hz ± 1 Hz, fADC = 10 Hz
Common-Mode Rejection
DC
90
dB
Gain = 1, AIN = 1 V
90
dB
Gain = 128, AIN = 7.81 mV
50 Hz, 60 Hz
110
dB
50 Hz ± 1 Hz, 60 Hz ± 1 Hz
ANALOG INPUTS
Differential Input Voltage Range
±VREF/gain
V
VREF = REFIN(+) − REFIN(−),
gain = 1 or 128
Absolute AIN Voltage Limits2
GND + 100 mV
AVDD − 100 mV
V
Gain = 1
GND + 450 mV
AVDD − 1.1
V
Gain = 128, FILTER = 0
GND + 1.1
AVDD − 1.1
V
Gain = 128, FILTER = 1, AVDD ≤ 3.6 V
GND + 1.5
AVDD − 1.5
V
Gain = 128, FILTER = 1, AVDD > 3.6 V
Average Input Current
±1
nA
Gain = 1
±250
pA
Gain = 128
Average Input Current Drift
±3
pA/°C
REFERENCE
External REFIN Voltage
AVDD
V
REFIN = REFIN(+) − REFIN(−)
Reference Voltage Range2
0.5
AVDD
V
Absolute REFIN Voltage Limits2
GND − 30 mV
AVDD + 30 mV
V
Average Reference Input Current
400
nA/V
Average Reference Input Current
Drift
±0.15
nA/V/°C
Normal Mode Rejection
Same as for analog inputs
Common-Mode Rejection
110
dB
BRIDGE POWER-DOWN SWITCH
(BPDSW)
Controlled via the PDRST pin
RON
9
Ω
Allowable Current2
30
mA
Continuous current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com