Electronic Components Datasheet Search
  English  ▼

X  

PE38746Z Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE38746Z
Description  Water Blue FAKRA Jack to FAKRA Jack Cable Using PE-C100-LSZH Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE38746Z Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE38746Z Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE38746Z Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE38746Z Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE38746Z Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
.
Weight
0.03 lbs [13.61 g]
Cable Color
Black
One Time Minimum Bend Radius
0.25 in [6.35 mm]
Repeated Minimum Bend Radius
1 in [25.4 mm]
Cable
Cable Type
PE-C100-LSZH
Inner Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel
No of Shields
2
Dielectric Type
PE
Jacket Material
LSZH
Jacket Diameter
0.109 in [2.77 mm]
Connector 1
Type
FAKRA Jack
Configuration
Straight
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic, Paint
Dielectric Type
Teflon
Connector 2
Type
FAKRA Jack
Configuration
Straight
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic, Paint
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE38746zLF. Contact Pasternack if product cannot be found.
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE38746Z REV 1.0
PE38746Z
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Water Blue FAKRA Jack to FAKRA Jack Cable Using PE-C100-LSZH Coax PE38746Z
Water Blue FAKRA Jack to FAKRA Jack
Cable Using PE-C100-LSZH Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com