Electronic Components Datasheet Search
  English  ▼

X  

PE38746Z Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE38746Z
Description  Water Blue FAKRA Jack to FAKRA Jack Cable Using PE-C100-LSZH Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE38746Z Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE38746Z Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE38746Z Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE38746Z Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE38746Z Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
How to Order
Part Number Configuration:
PE38746Z
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE38746Z-12 = 12 inches long cable
PE38746Z-100cm = 100 cm long cable
Water Blue FAKRA Jack to FAKRA Jack Cable Using PE-C100-LSZH Coax from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Water Blue FAKRA Jack to FAKRA Jack Cable Using PE-C100-LSZH Coax PE38746Z
URL: http://www.pasternack.com/fakra-jack-fakra-jack-pe-c100-cable-assembly-pe38746z-p.aspx
PE38746Z REV 1.0
PE38746Z
Water Blue FAKRA Jack to FAKRA Jack
Cable Using PE-C100-LSZH Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com