Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 32 Page - Zilog, Inc.

Part # Z89321
Description  16-BIT DIGITAL SIGNAL PROCESSORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 28Page - Zilog, Inc. Z89321 Datasheet HTML 29Page - Zilog, Inc. Z89321 Datasheet HTML 30Page - Zilog, Inc. Z89321 Datasheet HTML 31Page - Zilog, Inc. Z89321 Datasheet HTML 32Page - Zilog, Inc. Z89321 Datasheet HTML 33Page - Zilog, Inc. Z89321 Datasheet HTML 34Page - Zilog, Inc. Z89321 Datasheet HTML 35Page - Zilog, Inc. Z89321 Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Z89321/371/391
16-Bit Digital Signal Processors
Zilog
32
P R E L I M I N A R Y
DS97DSP0100
Stereo CODEC Interface
The Z893XX DSP product family CODEC interface pro-
vides direct connection to other CODECs for master or
slave modes, supporting 64 bits of transmission data (16
bits right channel, 16 bits left channel, and 32 bits of con-
figuration information). This configuration information con-
sists of input gain, input MUX, output attenuation, ADC
clipping, and mute and error functions of the CODECs.
A key feature of the Z893XX DSP product family is that it
adapts easily to other stereo CODECs, including Crystal
Semiconductor's CS4215 and CS4216 devices (Figure
31).
The 64 bits of data transferred from the CODEC are placed
in four registers, EXT5-1, 5-2, 6-1, and 6-2 (Figure 32 ).
Figure 31. Z893XX and CS4216 CODEC Interface
Z89321
/371/391
SCLK
FS0
TxD
RxD
Channel 2
Input
Channel 1
Input
Channel 1
Input
150
150
150
0.47
mF
0.47
mF
0.47
mF
0.01
mF
NPO
0.01
mF
NPO
0.01
mF
NPO
LIN1
RIN1
LIN2
LOUT
600
16
0.0022
mF
NPO
+
³ 1.0 mF
40k
27
27
28
CS4216
REFBYP
REFGND
21
22
0.1
mF
10
mF
+
Audio
Out
(Right)
150
0.47
mF
0.01
mF
NPO
Channel 2
Input
RIN2
ROUT
600
0.0022
mF
NPO
15
+
³ 1.0 mF
40k
26
+5V
Supply
VD
1
mF
+
VA
24
0.1
mF
4
1
mF +
0.1
mF
Audio
Out
(Left)
2.0
Ferrite Bead
43
42
44
SDOUT
SDIN
SSYNC
SCLK
1
SMODE2
SFS1
SFS2
SMODE1
Mode
Setting
32
31
30
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com