Electronic Components Datasheet Search
  English  ▼

X  

Z89321 Datasheet(PDF) 33 Page - Zilog, Inc.

Part # Z89321
Description  16-BIT DIGITAL SIGNAL PROCESSORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 29Page - Zilog, Inc. Z89321 Datasheet HTML 30Page - Zilog, Inc. Z89321 Datasheet HTML 31Page - Zilog, Inc. Z89321 Datasheet HTML 32Page - Zilog, Inc. Z89321 Datasheet HTML 33Page - Zilog, Inc. Z89321 Datasheet HTML 34Page - Zilog, Inc. Z89321 Datasheet HTML 35Page - Zilog, Inc. Z89321 Datasheet HTML 36Page - Zilog, Inc. Z89321 Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
33
1
16-Bit General-Purpose Timer
The 13-bit counter/timer is available for general-purpose
use. When the counter counts down to the zero state, an
interrupt is received on INT2. If the counter is disabled,
EXT4 can be used as a general-purpose address. The
counting operation of the counter can be disabled by reset-
ting bit 14. Selection of the clock source allows the ability
to extend the counter value past the 13 bits available in the
control register. Use of the CODEC counter output can ex-
tend the counter to 26 bits (see Figure 33).
Note: Placing zeroes into the count value register does
not generate an interrupt. Therefore, it is possible to have
a single-pass option by loading the counter with zeroes
after the start of count.
The counter is defaulted to the enable state, but if it is not
needed, it can be disabled. However, once disabled, the
counter cannot be enabled unless a reset of the processor
is performed.
Example:
Figure 32. CODEC Stereo Mode Timing Diagram
64 bits transferred
int1_
fs1
fs0
sclk
txd
rxd
LD EXT, #%C008 ;1100 0000 0000 1000
; Enable Counter
; Enable Counting
; Clock Source = OSC/2
; Count Value = 1000 = 8
; Interrupt will occur every
16 clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com