Electronic Components Datasheet Search
  English  ▼

X  

PE9671 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9671
Description  SMA Male to SMA Female 4 Hole Flange Mount Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9671 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9671 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9671 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9671 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9671 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Typical Performance Data
-60
-50
-40
-30
-20
-10
0
0
2
4
6
8
10
12
14
16
18
dB
GHz
Return Loss
SMA Male to SMA Female 4 Hole Flange Mount Adapter from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female 4 Hole Flange Mount Adapter PE9671
URL:
https://www.pasternack.com/sma-male-sma-female-straight-adapter-pe9671-p.aspx
PE9671 REV 1.2
SMA Male to SMA Female 4 Hole Flange Mount Adapter
RF Adapters Technical Data Sheet
PE9671



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com