Electronic Components Datasheet Search
  English  ▼

X  

PE9671 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9671
Description  SMA Male to SMA Female 4 Hole Flange Mount Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9671 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9671 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9671 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9671 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9671 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMA Male Connector 1
• SMA Female Connector 2
• 50 Ohm
• Straight Body Geometry
• 4 Hole Flange Mount Method
Features
• Max VSWR of 1.25:1 up to 18 GHz
• SMA interface compliant with MIL-STD-348
• Gold Plated Beryllium Copper Contact
• Max VSWR of 1.25:1 up to 18 GHz
• SMA Interface compliant with MIL-STD-348
• Gold Plated Beryllium Copper Contact
Applications
• General Purpose Test
• Rack Mounted Equipment
• General Purpose Test
• Rack Mounted Equipment
.
Description
Pasternack’s PE9671 SMA male to SMA female 4 hole flange adapter is part of our full line of RF components available for
same-day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors.
Our SMA to SMA adapter has a male to female gender configuration. PE9671 SMA male to SMA female adapter operates
to 18 GHz. The Pasternack RF adapter provides excellent VSWR of 1.25:1 maximum. This RF SMA to SMA 4 hole flange
adapter allows designers to create external connections on their product enclosures, and can be used in a variety of other rack
mount and panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
. .
Mechanical Specifications
Size
Length
0.98 in [24.89 mm]
Width
0.5 in [12.7 mm]
Height
0.5 in [12.7 mm]
Weight
0.015 lbs [6.8 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female 4 Hole Flange Mount Adapter PE9671
PE9671 REV 1.2
SMA Male to SMA Female 4 Hole Flange Mount Adapter
PE9671
RF Adapters Technical Data Sheet


Similar Part No. - PE9671

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9670 PASTERNACK-PE9670 Datasheet
375Kb / 4P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9672 PASTERNACK-PE9672 Datasheet
83Kb / 1P
1.85mm MALE TO 2.4mm MALE PRECISION ADAPTER
PE9673 PASTERNACK-PE9673 Datasheet
109Kb / 1P
1.85mm MALE TO 2.4mm FEMALE
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
PE9675 PASTERNACK-PE9675 Datasheet
86Kb / 1P
1.85mm FEMALE TO 2.4mm FEMALE PRECISION ADAPTER, FREQUENCY RANGE; DC TO 50GHz
More results

Similar Description - PE9671

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9275 PASTERNACK-PE9275 Datasheet
242Kb / 2P
4 Hole Flange SMA Female to N Male Adapter
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
PE9312 PASTERNACK-PE9312 Datasheet
257Kb / 3P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9497 PASTERNACK-PE9497 Datasheet
260Kb / 3P
Precision SMA Male to N Female 4 Hole Flange Adapter
PE9498 PASTERNACK-PE9498 Datasheet
248Kb / 2P
Precision 4 Hole Flange SMA Female to N Male Adapter
PE9669 PASTERNACK-PE9669 Datasheet
260Kb / 3P
Precision SMA Male to SMA Male 4 Hole Flange Adapter
PE91290 PASTERNACK-PE91290 Datasheet
341Kb / 3P
SMA Female to SMA Female 2 Hole Flange Adapter
PE9670 PASTERNACK-PE9670 Datasheet
375Kb / 4P
SMA Female to SMA Female 4 Hole Flange Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-F-G LINX-ADP-SMAF-SMAF-F-G Datasheet
137Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, FLANGE MOUNT
logo
Amphenol SV Microwave
1129-6280 SVMICROWAVE-1129-6280 Datasheet
515Kb / 1P
SMA FEMALE TO SMA FEMALE 2 HOLE FLANGE ADAPTER
05/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com