Electronic Components Datasheet Search
  English  ▼

X  

PE9889 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9889
Description  WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9889 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9889 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9889 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9889 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9889 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TECHNICAL DATA SHEET
WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to
12.4 GHz, X Band PE9889
URL: https://www.pasternack.com/wr-90-square-cover-n-waveguide-coax-adapter-12.4-ghz-pe9889-p.aspx
PE9889
PE9889 REV 1.2
WR-90 Square Type Flange to N Male Waveguide to Coax
Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
Waveguide to Coax Adapters Technical Data Sheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com