Electronic Components Datasheet Search
  English  ▼

X  

PE9889 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9889
Description  WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9889 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9889 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9889 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9889 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9889 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
Features
• X Band, 8.2 to 12.4 GHz Frequency Range
• WR-90 Waveguide Interface with Square Type Flange
• N Male Coaxial Interface
• Comprehensive waveguide offerings also include
E-Bends, H-Bends, Sections, Filters, Terminations,
Couplers, and more.
.
Description
The PE9889 is a waveguide to coaxial adapter operating in the X band with a 8.2 to 12.4 GHz frequency range. This adapter
offers a WR-90 waveguide interface size coupled with a precision tolerance square Type flange. The PE9889 is constructed
of aluminum to ensure durability and repeatable RF performance. The coaxial connector offered by this adapter uses a N type
male connector and the package is REACH and RoHS compliant.
Configuration
Waveguide Size
WR-90
Flange
Square Type
RF Connector
N Male
Impedance
50 Ohms
Body Geometry
Right Angle
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
VSWR
1.3:1
.
Mechanical Specifications
Size
Length
2.66 in [67.56 mm]
Width
1.63 in [41.4 mm]
Height
1 in [25.4 mm]
Weight
0.196 lbs [88.9 g]
RF Connector
Connector Type
N Male
Body Material and Plating
Stainless Steel
Waveguide Interface
Waveguide Type
WR-90
Flange Type
Square Type
Body Material and Plating
Aluminum
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz
to 12.4 GHz, X Band PE9889
PE9889
PE9889 REV 1.2
WR-90 Square Type Flange to N Male Waveguide to Coax
Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
Waveguide to Coax Adapters Technical Data Sheet


Similar Part No. - PE9889

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9881-20 PASTERNACK-PE9881-20 Datasheet
273Kb / 2P
Passivated Stainless Steel Body
PE9881-24 PASTERNACK-PE9881-24 Datasheet
277Kb / 2P
Horn Antenna
PE9881-24 PASTERNACK-PE9881-24 Datasheet
427Kb / 4P
Waveguide Standard Gain Horn
PE9881-24 PASTERNACK-PE9881-24_19 Datasheet
427Kb / 4P
Waveguide Standard Gain Horn
PE9881-34 PASTERNACK-PE9881-34 Datasheet
239Kb / 2P
Waveguide Horn Antenna Antenna Operates
More results

Similar Description - PE9889

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9801 PASTERNACK-PE9801 Datasheet
260Kb / 2P
WR-90 to N Female Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9873 PASTERNACK-PE9873 Datasheet
443Kb / 4P
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PE9874 PASTERNACK-PE9874 Datasheet
387Kb / 4P
WR-75 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 10 GHz to 15 GHz, X-Ku Band
PE9875 PASTERNACK-PE9875 Datasheet
372Kb / 4P
WR-62 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 12.4 GHz to 18 GHz, Ku Band
PE9883 PASTERNACK-PE9883 Datasheet
368Kb / 3P
WR-90 UDR100 Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz
PEWCA1006 PASTERNACK-PEWCA1006 Datasheet
369Kb / 3P
WR-90 UG-39/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1007 PASTERNACK-PEWCA1007 Datasheet
402Kb / 3P
WR-90 CPR-90G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1008 PASTERNACK-PEWCA1008 Datasheet
367Kb / 3P
WR-90 UG-39/U Square Cover Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1009 PASTERNACK-PEWCA1009 Datasheet
402Kb / 3P
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com