Electronic Components Datasheet Search
  English  ▼

X  

AD7923 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7923
Description  4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7923 Datasheet(HTML) 4 Page - Analog Devices

  AD7923 Datasheet HTML 1Page - Analog Devices AD7923 Datasheet HTML 2Page - Analog Devices AD7923 Datasheet HTML 3Page - Analog Devices AD7923 Datasheet HTML 4Page - Analog Devices AD7923 Datasheet HTML 5Page - Analog Devices AD7923 Datasheet HTML 6Page - Analog Devices AD7923 Datasheet HTML 7Page - Analog Devices AD7923 Datasheet HTML 8Page - Analog Devices AD7923 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
–4–
AD7923
REV. 0
TIMING SPECIFICATIONS1 (AV
DD = 2.7 V to 5.25 V, VDRIVE
AVDD, REFIN = 2.5 V, TA = TMIN to TMAX, unless otherwise noted.)
Limit at TMIN, TMAX AD7923
Parameter
AVDD = 3 V
AVDD = 5 V
Unit
Description
fSCLK
2
10
10
kHz min
20
20
MHz max
tCONVERT
16
¥ tSCLK
16
¥ tSCLK
tQUIET
50
50
ns min
Minimum Quiet Time Required between
CS Rising
Edge and Start of Next Conversion
t2
10
10
ns min
CS to SCLK Setup Time
t3
3
35
30
ns max
Delay from
CS until DOUT Three-State Disabled
t4
3
40
40
ns max
Data Access Time after SCLK Falling Edge
t5
0.4
¥ tSCLK
0.4
¥ tSCLK
ns min
SCLK Low Pulsewidth
t6
0.4
¥ tSCLK
0.4
¥ tSCLK
ns min
SCLK High Pulsewidth
t7
10
10
ns min
SCLK to DOUT Valid Hold Time
t8
4
15/45
15/35
ns min/max
SCLK Falling Edge to DOUT High Impedance
t9
10
10
ns min
DIN Setup Time Prior to SCLK Falling Edge
t10
55
ns min
DIN Hold Time after SCLK Falling Edge
t11
20
20
ns min
Sixteenth SCLK Falling Edge to
CS High
t12
11
ms max
Power-Up Time from Full Power-Down/Auto
Shutdown Mode
NOTES
1Sample tested at 25
∞C to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of AVDD) and timed from a voltage level of 1.6 V.
See Figure 1. The 3 V operating range spans from 2.7 V to 3.6 V. The 5 V operating range spans from 4.75 V to 5.25 V.
2Mark/Space ratio for the SCLK input is 40/60 to 60/40.
3Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.4 V or 0.7
¥ VDRIVE.
4t
8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number i s then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, quoted in the timing characteristics t 8, is the true bus relinquish
time of the part and is independent of the bus loading.
Specifications subject to change without notice.
TO
OUTPUT
PIN
CL
50pF
200 A
IOH
200 A
IOL
1.6V
Figure 1. Load Circuit for Digital Output Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com