Electronic Components Datasheet Search
  English  ▼

X  

AH0015CD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # AH0015CD
Description  Dual DPST-TTL/DTL Compatible MOS Analog Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

AH0015CD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  AH0015CD Datasheet HTML 1Page - National Semiconductor (TI) AH0015CD Datasheet HTML 2Page - National Semiconductor (TI) AH0015CD Datasheet HTML 3Page - National Semiconductor (TI) AH0015CD Datasheet HTML 4Page - National Semiconductor (TI) AH0015CD Datasheet HTML 5Page - National Semiconductor (TI) AH0015CD Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLK10125
February 1995
AH0014AH0014C DPDT AH0015AH0015C Quad
SPST AH0019AH0019C Dual DPST-TTLDTL
Compatible MOS Analog Switches
General Description
This series of TTLDTL compatible MOS analog switches
feature high speed with internal level shifting and driving
The package contains two monolithic integrated circuit
chips the MOS analog chip is similar to the MM450 type
which consists of four MOS analog switch transistors the
second chip is a bipolar IC gate and level shifter The se-
ries is available in hermetic dual-in-line package
These switches are particularly suited for use in both military
and industrial applications such as commutators in data ac-
quisition systems multiplexers AD and DA converters
long time constant integrators sample and hold circuits
modulatorsdemodulators and other analog signal switch-
ing applications
The AH0014 AH0015 and AH0019 are specified for opera-
tion over the b55 Cto a125 C military temperature range
The AH0014C AH0015C and AH0019C are specified for
operation over the b25 Cto a85 C temperature range
Features
Y
Large analog voltage switching
g
10V
Y
Fast switching speed
500 ns
Y
Operation over wide range of power supplies
Y
Low ON resistance
200X
Y
High OFF resistance
1011X
Y
Analog signals in excess of
25 MHz
Y
Fully compatible with DTL or TTL logic
Y
Includes gating and level shifting
Block and Connection Diagrams
Note
All logic inputs shown at logic ‘‘1’’
TLK10125 – 1
Order Number AH0014D or AH0014CD
See NS Package Number D14D
Quad SPST
Note
All logic inputs shown at logic ‘‘1’’
TLK10125 – 2
Order Number AH0015D or AH0015CD
See NS Package Number D16C
Dual DPST
TLK10125 – 3
Order Number AH0019D or AH0019CD
See NS Package Number D14D
Note
All logic inputs shown at logic ‘‘1’’
Previously called NH0014NH0014C and NH0019NH0019C
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - AH0015CD

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AH002R2-11 ALPHA-AH002R2-11 Datasheet
196Kb / 3P
GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Similar Description - AH0015CD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG300 MAXIM-DG300 Datasheet
389Kb / 10P
TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
Intersil Corporation
DG300A INTERSIL-DG300A_01 Datasheet
308Kb / 7P
TTL-Compatible, CMOS Analog Switches
May 2001
logo
Maxim Integrated Produc...
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG304567 MAXIM-DG304567 Datasheet
28Kb / 4P
CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0058 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG200 MAXIM-DG200 Datasheet
25Kb / 4P
Dual, SPST, CMOS, TTL-Compatible Analog Switch
19-0053 Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com