Electronic Components Datasheet Search
  English  ▼

X  

AH0015CD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # AH0015CD
Description  Dual DPST-TTL/DTL Compatible MOS Analog Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

AH0015CD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  AH0015CD Datasheet HTML 1Page - National Semiconductor (TI) AH0015CD Datasheet HTML 2Page - National Semiconductor (TI) AH0015CD Datasheet HTML 3Page - National Semiconductor (TI) AH0015CD Datasheet HTML 4Page - National Semiconductor (TI) AH0015CD Datasheet HTML 5Page - National Semiconductor (TI) AH0015CD Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC Supply Voltage
70V
Vb Supply Voltage
b
30V
Va Supply Voltage
a
30V
Va Vb Voltage Differential
40V
Logic Input Voltage
55V
Storage Temperature Range
b
65 Cto a150 C
Operating Temperature Range
AH0014 AH0015 AH0019
b
55 Cto a125 C
AH0014C AH0015C AH0019C
b
25 Cto a85 C
Lead Temperature (Soldering 10 sec)
300 C
Electrical Characteristics (Notes 1 and 2)
Parameter
Conditions
Min
Typ
Max
Units
Logical ‘‘1’’ Input Voltage
VCC e 45V
20
V
Logical ‘‘0’’ Input Voltage
VCC e 45V
08
V
Logical ‘‘1’’ Input Current
VCC e 55V VIN e 24V
5
m
A
Logical ‘‘1’’ Input Current
VCC e 55V VIN e 55V
1
m
A
Logical ‘‘0’’ Input Current
VCC e 55V VIN e 04V
02
04
mA
Power Supply Current Logical ‘‘1’’
VCC e 55V VIN e 45V
085
16
mA
InputEach Gate (Note 3)
Power Supply Current Logical ‘‘0’’
VCC e 55V VIN e 0V
InputEach Gate (Note 3)
AH0014 AH0014C
15
30
mA
AH0015 AH0015C
022
041
mA
AH0019 AH0019C
022
041
mA
Analog Switch ON ResistanceEach Gate
VIN (Analog) ea10V
75
200
X
VIN (Analog) eb10V
150
600
X
Analog Switch OFF Resistance
1011
X
Analog Switch Input Leakage Current
VIN eb10V
Each Input (Note 4)
AH0014 AH0015 AH0019
TA e 25 C
25
200
pA
TA e 125 C
25
200
nA
AH0014C AH0015C AH0019C
TA e 25 C
01
10
nA
TA e 70 C
30
100
nA
Analog Switch Output Leakage
VOUT eb10V
CurrentEach Output (Note 4)
AH0014 AH0015 AH0019
TA e 25 C
40
400
pA
TA e 125 C
40
400
nA
AH0014C AH0015C AH0019C
TA e 25 C
005
10
nA
TA e 70 C
4
50
nA
Analog Input (Drain) Capacitance
1 MHz
Zero Bias
8
10
pF
Output Source Capacitance
1 MHz
Zero Bias
11
13
pF
Analog Turn-OFF TimetOFF
See Test Circuit TA e 25 C
600
750
ns
Analog Turn-ON TimetON
See Test Circuit TA e 25 C
AH0014 AH0014C
350
425
ns
AH0015 AH0015C
100
150
ns
AH0019 AH0019C
100
150
ns
Note 1
Minmax limits apply across the guaranteed temperature range of b55 Cto a125 C for AH0014 AH0015 AH0019 and b25 Cto a85 C for AH0014C
AH0015C AH0019C Vb eb20V Va ea10V and an analog test current of 1 mA unless otherwise specified
Note 2
All typical values are measured at TA e 25 C with VCC e 50V Va ea10V Vb eb22V
Note 3
Current measured is drawn from VCC supply
Note 4
All analog switch pins except measurement pin are tied to Va
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com