Electronic Components Datasheet Search
  English  ▼

X  

PE82P2001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE82P2001
Description  Phase Shifters and Trimmers Technical Data Sheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P2001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE82P2001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Performance by Frequency
Description
Frequency
Min.
Typ.
Max.
Units
Phase Shift Range:
6 - 10 GHz
10 - 15 GHz
600
360
800
600
degrees
degrees
Insertion Loss
6 - 15 GHz
7
10
dB
Return Loss (Input And Output)
6 - 15 GHz
7
dB
Control Voltage Range
6 - 15 GHz
0 - 5
Volt
Modulation Bandwidth
6 - 15 GHz
50
MHz
Phase Voltage Sensitivity
6 - 15 GHz
120
deg /Volt
Insertion Phase Temperature Sensitivity
6 - 15 GHz
0.5
deg /°C
Mechanical Specifications
Size
Length
0.64 in [16.26 mm]
Width/Diameter
0.7 in [17.78 mm]
Height
0.29 in [7.37 mm]
.
Weight
0.056 lbs [25.4 g]
Configuration
Input Connector
SMA Female
Output Connector
SMA Female
Environmental Specifications
Temperature
Operating Range
-55 to 85 deg C
Storage Range
-65 to 150 deg C
Temperature Cycle
MIL-STD-883, Method 101C, Cond B
Hermetic Seal
Gross Leak MIL-STD-883 Method 1014C1/Fine Leak
MIL-STD-883, Method 1014A2, 5 x 10-8 atm cc
ESD Sensitive
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
PE82P2001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Analog Phase Shifter, 6 GHz to 15 GHz, With an Adjustable Phase of 120 Deg. Per GHz and
SMA PE82P2001
Phase Shifters and Trimmers Technical Data Sheet
PE82P2001
Analog Phase Shifter, 6 GHz to 15 GHz, With an
Adjustable Phase of 120 Deg. Per GHz and SMA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com