Electronic Components Datasheet Search
  English  ▼

X  

PE82P2001 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE82P2001
Description  Phase Shifters and Trimmers Technical Data Sheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P2001 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE82P2001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE82P2001 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Typical Performance Data
Phase shift vs. Control Voltage
insertion loss vs. frequency
Phase shift vs. frequency @ Vctl = 5V
(relative to Vctl = 0V)
input return loss vs. frequency,
Vctl = 0 to +5V
output return loss vs. frequency,
Vctl = 0 to +5V
insertion loss vs. Control Voltage
-20
-16
-12
-8
-4
0
5
6
7
8
9
10
11
12
13
14
15
16
0V
1V
2V
3V
4V
5V
FREQUENCY (GHz)
0
150
300
450
600
750
900
5
6
7
8
9
10
11
12
13
14
15
16
+25C
+85C
-55C
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
01
23
45
+25C
+85C
-55C
Vctl (Vdc)
-20
-15
-10
-5
0
5
6
7
8
9
10
11
12
13
14
15
16
0V
1V
2V
3V
4V
5V
FREQUENCY (GHz)
-20
-15
-10
-5
0
5
6
7
8
9
10
11
12
13
14
15
16
0V
1V
2V
3V
4V
5V
FREQUENCY (GHz)
0
150
300
450
600
750
900
01
23
45
6 GHz
11 Ghz
15 GHz
Vctl (Vdc)
PE82P2001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Analog Phase Shifter, 6 GHz to 15 GHz, With an Adjustable Phase of 120 Deg. Per GHz and
SMA PE82P2001
Phase Shifters and Trimmers Technical Data Sheet
PE82P2001
Analog Phase Shifter, 6 GHz to 15 GHz, With an
Adjustable Phase of 120 Deg. Per GHz and SMA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com