Electronic Components Datasheet Search
  English  ▼

X  

LMV248 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV248
Description  Dual Band GSM Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV248 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMV248 Datasheet HTML 2Page - National Semiconductor (TI) LMV248 Datasheet HTML 3Page - National Semiconductor (TI) LMV248 Datasheet HTML 4Page - National Semiconductor (TI) LMV248 Datasheet HTML 5Page - National Semiconductor (TI) LMV248 Datasheet HTML 6Page - National Semiconductor (TI) LMV248 Datasheet HTML 7Page - National Semiconductor (TI) LMV248 Datasheet HTML 8Page - National Semiconductor (TI) LMV248 Datasheet HTML 9Page - National Semiconductor (TI) LMV248 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Application Section
Pin Description
See
Figure 1 for the basics of a typical LMV248 dual band
application.
See
Figure 2 for a simplified block diagram of the LMV248’s
internal architecture
TABLE 1.
Pin
Name
Description
Power Supply
5, 6
GND
Power Ground; both pins must be tied together.
9,11, 13
V
DD
Positive Supply Voltage
Digital Inputs
1
BS
Selects the RF detector input (VfA or VfB) and the corresponding output
amplifier (Out_A or Out_B) enabled when the Tx_En is HIGH. The
compensation is also connected to the correct amplifier automatically.
A HIGH input enables Out_A.
A LOW input enables Out_B.
The other unselected output is held close to GND.
2
Tx_En
A HIGH input enables the input and output amplifiers (VfA and Out_A or
VfB and Out_B) selected by the band select pin, BS.
Analog Inputs
10
VfA
Detector diodes for the RF power detector are connected here. An
internal switch connects a 10µA current sink to the input pin selected by
BS to bias the detector diode. This signal is referenced to V
DD. (See
Notes 9 and 11).
12
VfB
14
TC
The reference diode used for temperature compensation of the VfA and
VfB RF power signals is connected here. Internally, a 10µA current sink
connects to this pin to bias the reference diode. This signal is referenced
to V
DD. (See notes 9 and 11).
15
Ramp
Sets the RF output power level. The useful input voltage range is from
0.2V to 1.8V, although voltages from 0V to V
DD are allowed. An internal
filter with a corner frequency of approximately 1.6MHz smooths the
Ramp signal, to eliminate step discontinuities from the baseband DAC’s
output.
16
V
HOME
Sets the desired minimum output voltage of the controller (selected by
BS) to the threshold voltage of the RF power amplifier. This reduces
ramp up time, since a smaller voltage range is slewed across. The
recommended input voltage range is from 0V to 2V.
Compensation
7
Comp1
Connect an external RC network here for overall loop compensation and
to control the closed loop frequency response. In most cases this
network will be simply a capacitor. Conventional loop stability techniques
can be used in selecting this network, such as Bode plots.
8
Comp2
Outputs
4
Out A
A rail-to-rail output capable of sourcing is 6mA, sinking 2mA, with less
than 200mV drop including over temperature. The output is free from
glitches when enabled by Tx_En. When an output is not selected by BS,
it is close to GND. When Tx_En is low, output voltages are near GND.
3
Out B
Note 9: All inputs and outputs are referenced to GND, except VfA, VfB, and TC, which are referenced to VDD.
Note 10: For the digital inputs, a LOW is
≤ 0.8V and HIGH is ≥ 1.8V.
Note 11: RF power detection is usually via a RF detector diode and a RF power coupler.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com