Electronic Components Datasheet Search
  English  ▼

X  

LMV248 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV248
Description  Dual Band GSM Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV248 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV248 Datasheet HTML 3Page - National Semiconductor (TI) LMV248 Datasheet HTML 4Page - National Semiconductor (TI) LMV248 Datasheet HTML 5Page - National Semiconductor (TI) LMV248 Datasheet HTML 6Page - National Semiconductor (TI) LMV248 Datasheet HTML 7Page - National Semiconductor (TI) LMV248 Datasheet HTML 8Page - National Semiconductor (TI) LMV248 Datasheet HTML 9Page - National Semiconductor (TI) LMV248 Datasheet HTML 10Page - National Semiconductor (TI) LMV248 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Section (Continued)
The LMV248 has separate inputs for the coupler/detector
feedback signal(s). These may be combined as a single
input when using a single coupler/detector that accommo-
dates both RF bands. When the two are combined as shown
in
Figure 5 internal current sources are placed in parallel. To
maintain correct temperature compensation characteristics
for the applications circuit, an external biasing resistor, R'
should be added externally. For this arrangement, VfA, VfB,
and TC all are returned to a common supply, V
CC.
Selecting Coupler/Detector
Coupler Calculations:
The applied Ramp voltage controls the RF power output.
Because of this the maximum Ramp voltage sets the mini-
mum attenuation that is allowed in the direction coupler used
to sense output power.
The basic equation is;
P
O =Vrms
2/R
O
For peak detection it is;
The coupling factor, at maximum power, is defined as C
f
or,
Cf=(V
rampmax)
2/2x(P
outmax xRO) for couplers that sense
peak power
The limit conditions for the maximum ramp and max power
out is,
V
rampmax = 2.0V
P
outmax = 2Watts
R
O =50Ω
C
fdB = 10 x log10 [(1/2)(Vrampmax)2/Poutmax xRO)]
C
fdB = −16.98dB
Attenuation in the directional coupler should be at least
−17dB, to assure maximum power out.
General Device Equations
Calculation:
Let Vf be VfA or VfB as selected by BS. Let RVf be the
external series resistance from Vf to the Detector diode.
Voltage at the non-inverting terminal of A1 V
NI = TC, since
current into A2’s input is small.
Voltage at the inverting terminal of A1 V
INV
=Vf -
[Ramp/(20k
Ω)] x (RVf + 48.5kΩ)
Assuming the external series resistance for VfA and VfB is
<< 48.5k
Ω:
Voltage at the inverting terminal of A1 V
INV = Vf – 2.42 x
Ramp
Differential voltage at A1 inputs = V
NI -VINV = TC - (Vf - 2.42
x Ramp) = 2.42 x Ramp - (Vf - TC).
Closed loop regulation of RF output power will force the
average differential voltage at A1 inputs to approach zero:
Average
Including the V
ramp deadband and the device offset voltage,
the equation for the VfA, B vs. V
ramp relationship becomes:
VfA, B = 2.42 x (V
ramp-200mV) + TC - 80mV, all variables
being ground referenced DC voltages.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com