Electronic Components Datasheet Search
  English  ▼

X  

PI5L100W Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5L100W
Description  Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L100W Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5L100W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PI5L100
Wide-Bandwidth,Low-Voltage
LanSwitch Quad 2:1 Mux/Demux
4
PS7031F
09/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
)
1
(
0
0
1
L
5
I
P
s
t
i
n
U
.
m
o
C
.
n
i
M.
p
y
T.
x
a
M
t Y
I
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
,IN
Y
o
t
CL
F
p
0
5
=
RL 5
=
0
s
m
h
o
0
——
5
2
.
0
s
n
t Y
S
Y
o
t
S
,
e
m
i
T
e
l
b
a
n
E
s
u
B
5
.
02
.
5
t ,Z
H
P
t Z
L
P
Y
o
t
E
,
e
m
i
T
e
l
b
a
s
i
D
s
u
B
5
.
00
.
5
t Y
E
Y
o
t
E
,
e
m
i
T
e
l
b
a
s
i
D
s
u
B
5
.
08
.
4
X K
L
A
T
)
fi
D
(
k
l
a
t
s
s
o
r
C
l
a
it
n
e
r
e
f
fi
D
)
2
(
RL 1
=
0
1
1
e
r
u
g
i
F
e
e
S
,
z
H
M
0
1
=
f
,
s
m
h
o
00
4
–0
6
–—
X K
L
A
T
k
l
a
t
s
s
o
r
C
RL 1
=
0
9
e
r
u
g
i
F
e
e
S
,
z
H
M
0
3
=
f
,
s
m
h
o
0—
0
4
–—
O R
R
I
n
o
it
a
l
o
s
I
f
f
O
RL 1
=
0
6
e
r
u
g
i
F
e
e
S
,
z
H
M
0
3
=
f
,
s
m
h
o
0—
0
3
–—
BW
h
t
d
i
w
d
n
a
B
B
d
3
–RL 1
=
0
9
e
r
u
g
i
F
e
e
S
,
s
m
h
o
0—
6
1
2—
t N
O
e
m
i
T
n
O
n
r
u
TRL 1
=
0
C
,
s
m
h
o
0
L
8
e
r
u
g
i
F
e
e
S
,
F
p
5
3
=—
1
1—
t F
F
O
e
m
i
T
f
f
O
n
r
u
T—
1
1—
Switching Characteristics over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com