Electronic Components Datasheet Search
  English  ▼

X  

PI5L100W Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5L100W
Description  Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L100W Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI5L100W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5L100W Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PI5L100
Wide-Bandwidth,Low-Voltage
LanSwitch Quad 2:1 Mux/Demux
6
PS7031F
09/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Figure 5. Gain/Phase vs Frequency
DIV
1.000
24
6
8
1
2
4
6
8
1
2
NETWORK
A: REF
5.500
[dB]
B: REF
180.0
[deg]
MKR 216 115 931.231 Hz
T/R
519.486m
dB
θ
–90.2501
deg
RBW: 10 kHz
ST: 1.41 sec
RANGE: R = 0, T = 0dBm
PI5L100
–3dB BANDWIDTH, PHASE
DIV
36.00
START
STOP
PHASE
GAIN
1 000 000 . 000 Hz
300 000 000 . 000 Hz
0dB
–1dB
–2dB
–3db
–4dB
–5dB
–6dB
–7dB
–8dB
–9dB
–10dB
+180˚
+144˚
+108˚
+72˚
+36˚
0˚
–36˚
–72˚
–108˚
–144˚
–180˚
Figure 6. Off Isolation vs Frequency
DIV
10.00
24
6
8
1
2
4
6
8
1
2
NETWORK
A: REF
10.00
[dB]
B: REF
180.0
[deg]
MKR 100 063 436.436 Hz
T/R
519.486m
dB
θ
–90.2501
deg
RBW: 10 kHz
ST: 1.41 sec
RANGE: R = 0, T = 0dBm
PI5L100
OFF ISOLATION
DIV
36.00
START
STOP
GAIN
PHASE
1 000 000 . 000 Hz
300 000 000 . 000 Hz
+10dB
0dB
–10dB
–20db
–30dB
–40dB
–50dB
–60dB
–70dB
–80dB
–90dB
+180˚
+144˚
+108˚
+72˚
+36˚
0¡
–36˚
–72˚
–108˚
–144˚
–180˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com