Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD128 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD128
Description  1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD128 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65MLVD128 Datasheet HTML 8Page - Texas Instruments SN65MLVD128 Datasheet HTML 9Page - Texas Instruments SN65MLVD128 Datasheet HTML 10Page - Texas Instruments SN65MLVD128 Datasheet HTML 11Page - Texas Instruments SN65MLVD128 Datasheet HTML 12Page - Texas Instruments SN65MLVD128 Datasheet HTML 13Page - Texas Instruments SN65MLVD128 Datasheet HTML 14Page - Texas Instruments SN65MLVD128 Datasheet HTML 15Page - Texas Instruments SN65MLVD128 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SN65MLVD128
SN65MLVD129
SLLS586 − MARCH 2004
www.ti.com
13
APPLICATION INFORMATION
CLOCK DISTRIBUTION
Figure 17
Output Duty cycle = 49.97%.
Vertical scale = 142 mV/div
Horizontal scale = 11 ns/div
SN65MLVD128 Output
Input Source: 19.6608 MHz Clock With 50%
Duty Cycle, VCC = 3.3 V, RL = 50 W, CL = 2.5 pF
Figure 18
Output duty cycle = 50.01%.
Vertical scale = 142 mV/div
Horizontal scale = 4 ns/div
SN65MLVD128 Output
Input Source: 61.44 MHz Clock With 50%
Duty Cycle, VCC = 3.3 V, RL = 50 W, CL = 2.5 pF
DATA DISTRIBUTION
Figure 19
Vertical scale = 150 mV/div
Horizontal scale = 1.21 ns/div
SN65MLVD128 Output
Input Source: 250 Mbps, 215−1 PRBS,
VCC = 3.3 V, RL = 50 W, CL = 2.5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com