Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD128 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD128
Description  1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD128 Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD128 Datasheet HTML 1Page - Texas Instruments SN65MLVD128 Datasheet HTML 2Page - Texas Instruments SN65MLVD128 Datasheet HTML 3Page - Texas Instruments SN65MLVD128 Datasheet HTML 4Page - Texas Instruments SN65MLVD128 Datasheet HTML 5Page - Texas Instruments SN65MLVD128 Datasheet HTML 6Page - Texas Instruments SN65MLVD128 Datasheet HTML 7Page - Texas Instruments SN65MLVD128 Datasheet HTML 8Page - Texas Instruments SN65MLVD128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN65MLVD128
SN65MLVD129
SLLS586 − MARCH 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION
The SN65MLVD128 and SN65MLVD129 are LVTTL-to-M−LVDS translators/repeaters. Outputs comply with the M−LVDS
standard (TIA/EIA-899) and are optimized for data rates up to 250 Mbps, and clock frequencies up to 125 MHz. The driver
outputs have been designed to support multipoint buses presenting loads as low as 30
Ω and incorporates controlled
transition times for backbone operation.
M-LVDS compliant devices allow for 32 nodes on a common bus, providing a high-speed replacement for RS-485 devices
when lower common-mode voltage range and lower output signaling levels are acceptable. The SN65MLVD128 and
SN65MLVD129 provide separate driver enables, allowing for independent control of each output signal.
Intended applications for these devices include transmission of clock signals from a central clock module, as well as
translation and buffering of data or control signals for transmission through a controlled impedance backplane or cable.
ORDERING INFORMATION
PART NUMBER
INPUT:OUTPUT
CHANNEL
PART MARKING
PACKAGE/CARRIER
SN65MLVD128DGG
1:8
MLVD128
48-Pin TSSOP/Tube
SM65MLVD128DGGR
1:8
MLVD128
48-Pin TSSOP/Tape and Reeled
SN65MLVD129DGG
Dual 1:4
MLVD129
48-Pin TSSOP/Tube
SM65MLVD129DGGR
Dual 1:4
MLVD129
48-Pin TSSOP/Tape and Reeled
PACKAGE DISSIPATION RATINGS
PACKAGE
PCB JEDEC
STANDARD
TA ≤ 25°C
POWER RATING
DERATING FACTOR(1)
ABOVE TA = 25°C
TA = 85°C
POWER RATING
48-DGG
Low-K(2)
1114.6 mW
9.7 mW/
_C
533.1 mW
48-DGG
High-K(3)
1824.5 mW
15.9 mW/
_C
872.6 mw
(1) This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air flow.
(2) In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3) In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
SN65MLVD128, 129
Supply voltage range(2), VCC
−0.5 V to 4 V
Input voltage range, VI
D, EN
−0.5 V to 4 V
Output voltage range, VO
A or B
−1.8 V to 4 V
Human Body Model(3)
A, B
±9 kV
Electrostatic discharge
Human Body Model(3)
All pins
±4 kV
Electrostatic discharge
Charged-Device Model(4)
All pins
±1500 V
Machine Model(5)
All pins
200 V
Continuous power dissipation
See Dissipation Rating Table
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114−B.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101−A.
(5) Tested in accordance with JEDEC Standard 22, Test Method A115−A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com