Electronic Components Datasheet Search
  English  ▼

X  

SN74F657 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F657
Description  OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F657 Datasheet(HTML) 5 Page - Texas Instruments

  SN74F657 Datasheet HTML 1Page - Texas Instruments SN74F657 Datasheet HTML 2Page - Texas Instruments SN74F657 Datasheet HTML 3Page - Texas Instruments SN74F657 Datasheet HTML 4Page - Texas Instruments SN74F657 Datasheet HTML 5Page - Texas Instruments SN74F657 Datasheet HTML 6Page - Texas Instruments SN74F657 Datasheet HTML 7Page - Texas Instruments SN74F657 Datasheet HTML 8Page - Texas Instruments SN74F657 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74F657
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
AND 3-STATE OUTPUTS
SDFS027A – D3217, JANUARY 1989 – REVISED OCTOBER 1993
2–5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
Any output
VCC = 4.5 V,
IOH = – 3 mA
2.4
3.3
VOH
B1 – B8, PARITY, ERR
VCC = 4.5 V,
IOH = – 15 mA
2
3.1
V
Any output
VCC = 4.75 V,
IOH = – 1 mA to – 3 mA
2.7
V
A1 – A8
V4 5 V
IOL = 24 mA
0.35
0.5
V
VOL
B1 – B8, PARITY, ERR
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
T/R
VCC = 0,
VI = 7 V,
OE = 4.5 V
0.1
OE
VCC = 0,
VI = 7 V,
T/R = 4.5 V
0.1
II
ODD/EVEN
VCC = 0,
VI = 7 V
0.1
mA
A1 – A8
VCC =5 5V
VI =7V
2
B1 – B8
VCC = 5.5 V,
VI = 7 V
1
‡
A, B, PARITY
70
IIH‡
T/R, OE
VCC = 5.5 V,
VI = 2.7 V
40
µA
IH
ODD/EVEN
20
‡
A, B, PARITY
–70
IIL‡
T/R, OE
VCC = 5.5 V,
VI = 0.5 V
–40
µA
IL
ODD/EVEN
–20
A1 – A8
VCC =5 5V
VO =0
–60
– 150
mA
IOS§
B1 – B8
VCC = 5.5 V,
VO = 0
– 100
– 225
mA
IOZH
ERR
VCC = 5.5 V,
VI = 2.7 V
50
µA
IOZL
ERR
VCC = 5.5 V,
VI = 0.5 V
–50
µA
ICCH
VCC = 5.5 V
90
125
mA
ICCL
VCC = 5.5 V
106
150
mA
ICCZ
VCC = 5.5 V
98
145
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com