Electronic Components Datasheet Search
  English  ▼

X  

SN74F657 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F657
Description  OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F657 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F657 Datasheet HTML 1Page - Texas Instruments SN74F657 Datasheet HTML 2Page - Texas Instruments SN74F657 Datasheet HTML 3Page - Texas Instruments SN74F657 Datasheet HTML 4Page - Texas Instruments SN74F657 Datasheet HTML 5Page - Texas Instruments SN74F657 Datasheet HTML 6Page - Texas Instruments SN74F657 Datasheet HTML 7Page - Texas Instruments SN74F657 Datasheet HTML 8Page - Texas Instruments SN74F657 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T/R
A1
A2
A3
A4
A5
VCC
A6
A7
A8
ODD/EVEN
ERR
OE
B1
B2
B3
B4
GND
GND
B5
B6
B7
B8
PARITY
DW OR NT PACKAGE
(TOP VIEW)
SN74F657
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
AND 3-STATE OUTPUTS
SDFS027A – D3217, JANUARY 1989 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Combines ′F245 and ′F280B Functions in
One Package
• High-Impedance N-P-N Inputs for Reduced
Loading (70
µA in Low and High States)
• High Output Drive and Light Bus Loading
• 3-State B Outputs Sink 64 mA and Source
15 mA
• Input Diodes for Termination Effects
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The SN74F657 contains eight noninverting
buffers with 3-state outputs and an 8-bit parity
generator/checker. It is intended for bus-oriented
applications. The buffers have a specified current
sinking capability of 24 mA at the A port and 64 mA
at the B port.
The transmit/receive (T/R) input determines the direction of the data flow through the bidirectional transceivers.
When T/R is high, data is transmitted from the A port to the B port. When T/R is low, data is received at the A port
from the B port.
When the output enable (OE) input is high, both the A and B ports are placed in a high-impedance state
(disabled). The ODD/EVEN input allows the user to select between odd or even parity systems. When
transmitting from A port to B port (T/R high), PARITY is an output from the generator/checker. When receiving
from B port to A port (T/R low), PARITY is an input.
When transmitting (T/R high), the parity select (ODD/EVEN) input is made high or low as appropriate. The A port
is then polled to determine the number of high bits.The PARITY output goes to the logic state determined by
ODD/EVEN and the number of high bits on A port. When ODD/EVEN is low (for even parity) and the number
of high bits on A port is odd, the PARITY will be high, transmitting even parity. If the number of high bits on A port
is even, the PARITY will be low, keeping even parity.
When in the receive mode (T/R low), the B port is polled to determine the number of high bits. If ODD/EVEN
is low (for even parity) and the number of highs on B port is:
1.
Odd and the PARITY input is high, then ERR will be high signifying no error.
2.
Even and the PARITY input is high, then ERR will be low indicating an error.
The SN74F657 is characterized for operation from 0
°C to 70°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F657 TI1-SN74F657 Datasheet
248Kb / 11P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI2-SN74F657 Datasheet
239Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
REVISED OCTOBER 1993
SN74F657DW TI1-SN74F657DW Datasheet
248Kb / 11P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657DW TI2-SN74F657DW Datasheet
239Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
REVISED OCTOBER 1993
SN74F657DW.A TI2-SN74F657DW.A Datasheet
239Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
REVISED OCTOBER 1993
More results

Similar Description - SN74F657

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
NXP Semiconductors
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com