Electronic Components Datasheet Search
  English  ▼

X  

LDT481 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDT481
Description  Process Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT481 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDT481 Datasheet HTML 1Page - Bel Fuse Inc. LDT481 Datasheet HTML 2Page - Bel Fuse Inc. LDT481 Datasheet HTML 3Page - Bel Fuse Inc. LDT481 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LDT481 Series
tech.support@psbel.com
LDT481-12
400 - 500 VAC / 520 - 725 VDC
3
12 VDC
40 A
LDT481-24
400 - 500 VAC / 520 - 725 VDC
3
24 VDC
20 A
LDT481-48
400 - 500 VAC / 520 - 725 VDC
3
48 VDC
10 A
LDT481-72
400 - 500 VAC / 520 - 725 VDC
3
72 VDC
6.7 A
Technical parameters are typical, measured in laboratory environment at 25°C and 400 VAC / 50 Hz, at nominal values, after minimum
5 minutes of operation.
Input AC Voltage Range1
Rated, three phase (UL certified)
Operating
400 – 500 VAC
340 – 550 VAC
Input DC Voltage Range
520 – 725 VDC
Input Frequency
47 - 63 Hz
Input AC Current
Vin = 400 VAC
1.3 A
Vin = 500 VAC
1.1 A
Input DC Current
Vin = 520 VAC
1.2 A
Vin = 725 VAC
0.9 A
Inrush Peak Current
≤ 50 A
Touch (Leakage) Current
≤ 0.15 mA
Internal Protection Fuse
None, external fuse must be provided
Recommended External Protection
It is strongly recommended to provide external surge
arresters (SPD) according to local regulations
Fuse 3x 10 AT or 3x MCB 10 A C curve
1 In case of 2 phase operation, reduce the output load to 50% of the nominal value.
Output Power
480 W
Rated Voltage (Adjustable Voltage Range)
LDT481-12
LDT481-24
LDT481-48
LDT481-72
12 VDC (12 – 15 VDC)
24 VDC (23 – 28 VDC)
48 VDC (45 – 55 VDC)
72 VDC (72 – 85 VDC)
Continuous Current
LDT481-12
LDT481-24
LDT481-48
LDT481-72
40 A
20 A
10 A
6.7 A
Overload Limit (Constant Current Mode)
LDT481-12
LDT481-24
LDT481-48
LDT481-72
44 A
22 A
11 A
7.5 A
Overload Limit (Hiccup Mode) (max. 5s)
LDT481-12
LDT481-24
LDT481-48
LDT481-72
60 A
30 A
15 A
10 A
Load Regulation
LDT481-12
LDT481-24
LDT481-48 / LDT481-72
≤ 2.5%
≤ 1.0%
≤ 0.5%
Ripple & Noise2
LDT481-12
LDT481-24 / LDT481-48 / LDT481-72
≤ 150 mVpp
≤ 100 mVpp
Hold up Time
≥ 20 ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com