Electronic Components Datasheet Search
  English  ▼

X  

LDT481 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # LDT481
Description  Process Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT481 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  LDT481 Datasheet HTML 1Page - Bel Fuse Inc. LDT481 Datasheet HTML 2Page - Bel Fuse Inc. LDT481 Datasheet HTML 3Page - Bel Fuse Inc. LDT481 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDT481 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00845_AB
Protections
Overload, short circuit: Constant current or
Hiccup mode (user settable)
Thermal protection
Output overvoltage
Output Over Voltage Protection
LDT481-12
LDT481-24
LDT481-48
LDT481-72
≥ 18 VDC
≥ 33 VDC
≥ 68 VDC
≥ 100 VDC
Status Signals
DC OK - green LED
OVERLOAD - red LED
DC OK - dry contact (NO, 24 VDC / 1 A)
Parallel Connection3
Possible for power or redundancy
(with external ORing module)
Efficiency
LDT481-12
LDT481-24 / LDT481-48
LDT481-72
> 87.5%
> 93.5%
> 94%
Dissipated Power
LDT481-12
LDT481-24 / LDT481-48
LDT481-72
< 69 W
< 34 W
< 31 W
2
Ripple and Noise are measured with 20 MHz bandwidth, probe terminated with a 0.1
μF MKP parallel capacitor.
3
Pay attention, set the current limitation mode jumper on C.C. mode when connecting more units in parallel.
NOTE: Power rating, losses, efficiency, ripple, thermal behaviour and start-up may change outside of the nominal rated input range.
Contact factory for details.
Operating Temperature
UL certified up to 50°C
(Start-up type tested: - 40°C)4
- 40 to + 70°C
Storage Temperature
- 40 to + 80°C
Derating
- 4.5 W/°C over 50°C
Humidity
Non-condensing
5 - 95% RH
Life Time Expectancy
At 25°C ambient 75% load
63200 h (7.2 years)
Overvoltage Category
Pollution Degree
III (EN50178)
2 (IEC60664-1)
Protection Class
Class I
Isolation Voltage
Input to Output
Input to Ground
Output to Ground
4.2 kVDC
2.2 kVDC
0.75 kVDC
Standards & Approvals
UL508 (certified)
EN60950 (reference)
EN50178 (reference)
EMC Standards
EMC Emission
EN55011 (CISPR11)
EN55022 (CISPR22)
Class A
Class A
EMC Immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-11
Level 3
Level 3
Level 3
Level 4
Level 2
Protection Degree
EN60529
IP20
Vibration sinusoidal
IEC 60068-2-6
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz: 2g 2Hours /
axis (X,Y,Z)
Shock
IEC 60068-2-27
30 g 6 ms, 20 g 11 ms;
3 bumps / direction, 18 bumps total)
4 Possible at nominal voltage with load derating.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com