Electronic Components Datasheet Search
  English  ▼

X  

TPS71202 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS71202
Description  SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71202 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS71202 Datasheet HTML 9Page - Texas Instruments TPS71202 Datasheet HTML 10Page - Texas Instruments TPS71202 Datasheet HTML 11Page - Texas Instruments TPS71202 Datasheet HTML 12Page - Texas Instruments TPS71202 Datasheet HTML 13Page - Texas Instruments TPS71202 Datasheet HTML 14Page - Texas Instruments TPS71202 Datasheet HTML 15Page - Texas Instruments TPS71202 Datasheet HTML 16Page - Texas Instruments TPS71202 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
0
5
10
15
20
1.8
2
2.2
2.4
2.6
2.8
3
3.2
85
° C
25
° C
−40
° C
LDOIN Input Voltage − V
f − Frequency − Hz
LDOIN = 3.3 V
1k
10k
100k
1M
10M
0
10
20
30
40
70
60
50
80
LDO Output Current 10 mA
LDO Output Current 200 mA
Input Voltage
1 V/Div, DC
Output Voltage
10 mV/Div, AC
Timebase − 2 ms/Div
VI = 1.8 V to 2.6 V
RL = 15 W
VO = 1.5 V
Output Current
100 mA/Div, DC
Output Voltage
20 mV/Div, AC
Timebase − 500
µs/Div
VI = 3.3 V
IL = 20 mA to 180 mA
VO = 1.5 V
TPS61130
TPS61131
TPS61132
SLVS431A – JUNE 2002 – REVISED AUGUST 2003
TPS61132
TPS61132
SUPPLY CURRENT INTO LDOIN
PSRR
vs
vs
LDOIN INPUT VOLTAGE
FREQUENCY
Figure 19.
Figure 20.
TPS61132
TPS61132
LDO LOAD TRANSIENT RESPONSE
LDO LINE TRANSIENT RESPONSE
Figure 21.
Figure 22.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com