Electronic Components Datasheet Search
  English  ▼

X  

TPS71202 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS71202
Description  SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71202 Datasheet(HTML) 3 Page - Texas Instruments

  TPS71202 Datasheet HTML 1Page - Texas Instruments TPS71202 Datasheet HTML 2Page - Texas Instruments TPS71202 Datasheet HTML 3Page - Texas Instruments TPS71202 Datasheet HTML 4Page - Texas Instruments TPS71202 Datasheet HTML 5Page - Texas Instruments TPS71202 Datasheet HTML 6Page - Texas Instruments TPS71202 Datasheet HTML 7Page - Texas Instruments TPS71202 Datasheet HTML 8Page - Texas Instruments TPS71202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
TPS61130
TPS61131
TPS61132
SLVS431A – JUNE 2002 – REVISED AUGUST 2003
ELECTRICAL CHARACTERISITICS
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25
°C) (unless otherwise noted)
DC/DC STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
1.8
6.5
V
Adjustable output voltage
VO
2.5
5.5
V
range (TPS61130)
Vref
Reference voltage
485
500
515
mV
f
Oscillator frequency
400
500
600
kHz
ISW
Switch current limit
VOUT= 3.3 V
1100
1300
1600
mA
Startup current limit
0.4 x ISW
mA
SWN switch on resistance
VOUT= 3.3 V
200
350
m
Ω
SWP switch on resistance
VOUT= 3.3 V
250
500
m
Ω
Total accuracy (including line
3
%
and load regulation)
IO= 0 mA, VEN = VBAT = 1.8 V, VOUT =
into VBAT
10
25
µA
3.3 V, ENLDO = 0 V
DC/DC quiescent
current
IO = 0 mA, VEN = VBAT = 1.8 V, VOUT =
into VOUT
10
25
µA
3.3 V, ENLDO = 0 V
DC/DC shutdown current
VEN = 0 V
0.2
1
µA
LDO STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(LDO)
Input voltage range
1.8
7
V
Adjustable output voltage range
VO(LDO)
0.9
5.5
V
(TPS61130)
IO(max)
Output current
200
320
mA
LDO short circuit current limit
500
mA
Minimum voltage drop
IO =200 mA
300
mV
Total accuracy (including line
IO≥ 1 mA
±3%
and load regulation)
LDOIN change from 1.8 V to 2.6 V at 100
Line regulation
0.6%
mA, LDOOUT = 1.5 V
Load change from 10% to 90%,LDOIN = 3.3
Load regulation
0.6%
V
LDO quiescent current
LDOIN = 7 V, VBAT = 1.8 V, EN = VBAT
20
30
µA
LDO shutdown current
LDOEN = 0 V, LDOIN = 7 V
0.1
1
µA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com