Electronic Components Datasheet Search
  English  ▼

X  

PE87FL1007 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE87FL1007
Description  Bandpass Filters Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1007 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE87FL1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PE87FL1007 REV 1.0
-120
-100
-80
-60
-40
-20
0
13.20
14.20
15.20
16.20
17.20
18.20
19.20
20.20
21.20
22.20
23.20
24.20
25.20
0 dB
GHz
Wideband
S11
S21
8 Section Bandpass Filter With SMA Female Connectors Operating From 17.2 GHz to 21.2 GHz With a 4 GHz Passband
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 8 Section Bandpass Filter With SMA Female Connectors Operating From 17.2 GHz to 21.2 GHz
With a 4 GHz Passband PE87FL1007
URL:
http://www.pasternack.com/8-section-band-pass-filter-17.2-21.2-ghz-passband-4-ghz-pe87fl1007-p.aspx
8 Section Bandpass Filter With SMA Female Connectors
Operating From 17.2 GHz to 21.2 GHz With a 4 GHz Passband
Bandpass Filters Technical Data Sheet
PE87FL1007



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com